Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX48C Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUX48C
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX48C Datasheet(HTML) 2 Page - STMicroelectronics

  BUX48C Datasheet HTML 1Page - STMicroelectronics BUX48C Datasheet HTML 2Page - STMicroelectronics BUX48C Datasheet HTML 3Page - STMicroelectronics BUX48C Datasheet HTML 4Page - STMicroelectronics BUX48C Datasheet HTML 5Page - STMicroelectronics BUX48C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
TO -3
T O-218
ISOW ATT 218
Rthj-ca se
Thermal Resist ance Junction-case
Max
11
2.2
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Min .
Typ.
Max.
Unit
ICER
Collector Cut -of f Current
(RBE =10
Ω)
VCE = 1200 V
VCE = 1200 V
Tcase = 125
oC
500
4
µA
mA
ICES
Collector Cut -of f Current
(VBE =0)
VCE = 1200 V
VCE = 1200 V
Tcase = 125
oC
500
3
µA
mA
ICEO
Collector Cut -of f Current
(IB =0)
VCE =VCEO
1mA
IEBO
Emitt er Cut -off Current
(IC =0)
VEB =6 V
1mA
VCEO(SUS)
∗ Collector-Emitter Sustaining
Voltage (IB =0)
IC =100 mA
700
V
VCER(SUS)
∗ Collector-Emitter Sustaining
Voltage (RBE =10
Ω)
IC =0.5 A
Vcla mp = 1200 V
L= 2mH
1200
V
VCE(sat)
∗ Collector-Emitter Saturation
Voltage
IC =6 A
IB =1.5 A
IC =10 A
IB =4 A
1.5
3
V
V
VBE(s at)
∗ Base-Emitter Saturation
Voltage
IC =6 A
IB =1.5 A
IC =10 A
IB =4 A
1.5
2
V
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
RESISTIVE SWITCHING TIMES
Symb ol
Parameter
Test Cond ition s
Min .
Typ.
Max.
Unit
ton
Turn-on T ime
VCC = 250 V
IC =6 A
IB1 =-IB2 =1.5 A
0.5
1
µs
ts
St orage Time
1.5
3
µs
tf
Fall Time
0.2
0.7
µs
INDUCTIVE SWITCHING TIMES
Symb ol
Parameter
Test Cond ition s
Min .
Typ.
Max.
Unit
ts
St orage Time
VCC = 250 V
IC =6 A
IB1 =-IB2 =1.5 A
2
µs
tf
Fall Time
0.15
µs
ts
St orage Time
VCC = 250 V
IC =6 A
IB1 =-IB2 =1.5 A
TC =125
oC
36
µs
tf
Fall Time
0.33
0.60
µs
BUX48C/BUV48C/BUV48CFI
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com