Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUXHS221F Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUXHS221F
Description  TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 28V Overvoltage Protection and 1.2V Logic
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUXHS221F Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUXHS221F Datasheet HTML 9Page - Texas Instruments TMUXHS221F Datasheet HTML 10Page - Texas Instruments TMUXHS221F Datasheet HTML 11Page - Texas Instruments TMUXHS221F Datasheet HTML 12Page - Texas Instruments TMUXHS221F Datasheet HTML 13Page - Texas Instruments TMUXHS221F Datasheet HTML 14Page - Texas Instruments TMUXHS221F Datasheet HTML 15Page - Texas Instruments TMUXHS221F Datasheet HTML 16Page - Texas Instruments TMUXHS221F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
7.3 Feature Description
7.3.1 Extended 1.2V Compatibility
TMUXHS221F comes with extended 1.2V control logic not only makes it compatible with latest generation of low
nm SoCs but also allows sufficient noise margin for system designers and hence easy usage of TMUXHS221F.
The 1.2V logic is non- scalable with supply voltages which gives immense flexibility to power up TMUXHS221F
with supplies from 2.3-5.5V and still it stands compatible to 1.2V controlled switches via GPIO/I2C compatible
SEL and OE pins.
7.3.2 Overvoltage Protection
The OVP of the TMUXHS221F is designed to protect the system from SBU or D+/- shorts to VBUS at the USB
and USB Type-C connector. Figure 7-2 depicts a moisture short that would cause high voltage of 28V to appear
on an existing USB solution that could pass through the device and damage components behind the device.
Figure 7-2. Existing Solution Being Damaged by a Short
The TMUXHS221F will open the switches and protect the rest of the system by blocking the 28V as depicted in
Figure 7-3.
Figure 7-3. Protecting During a 28V Short
7.3.3 Powered-off Protection
When the TMUXHS221F is powered off the I/Os of the device remain in a high-Z state. The crosstalk, off-
isolation, and leakage remain within the Electrical Specifications.
This prevents errant voltages from reaching the rest of the system and maintains isolation when the system is
powering up.
www.ti.com
TMUXHS221F
SLVSIV4 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com