Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1410123 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1410123
Description  CES-STPG-GY-2X8 - Cable sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1410123 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1410123 Datasheet HTML 1Page - PHOENIX CONTACT 1410123 Datasheet HTML 2Page - PHOENIX CONTACT 1410123 Datasheet HTML 3Page - PHOENIX CONTACT 1410123 Datasheet HTML 4Page - PHOENIX CONTACT 1410123 Datasheet HTML 5Page - PHOENIX CONTACT 1410123 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable sleeve, small, no. of conductors: 2, type: Round cable, slotted, external cable diameter: 2x
7.4 mm ... 7.7 mm, material: SEBS (halogen-free), color: gray, length: 29.5 mm, width: 19.5 mm,
height: 17 mm
Product description
Slotted cable sleeve
Commercial data
Item number
1410123
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BF67
Product key
AF7CCX
GTIN
4046356776264
Weight per piece (including packing)
6.6 g
Weight per piece (excluding packing)
6.6 g
Customs tariff number
40169997
Country of origin
PL
CES-STPG-GY-2X8 - Cable sleeve
1410123
https://www.phoenixcontact.com/us/products/1410123
Sep 30, 2025, 1:04AM
Page 1 (6)


Similar Part No. - 1410123

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410123-1 MACOM-1410123-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410123-1 ETC2-1410123-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
More results

Similar Description - 1410123

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801630 PHOENIX-0801630 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-5
09/11/2020
0801640 PHOENIX-0801640 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-25
09/11/2020
0801673 PHOENIX-0801673 Datasheet
69Kb / 4P
Cable sleeve - CES-STPG-GY-3
09/11/2020
0801688 PHOENIX-0801688 Datasheet
71Kb / 4P
Cable sleeve - CES-LTPG-GY-16
09/11/2020
0801696 PHOENIX-0801696 Datasheet
71Kb / 4P
Cable sleeve - CES-LTPG-GY-23
09/11/2020
0801718 PHOENIX-0801718 Datasheet
72Kb / 4P
Cable sleeve - CES-SRC-BK
09/11/2020
0801719 PHOENIX-0801719 Datasheet
57Kb / 3P
Cable sleeve - CES-LRC-BK
10/10/2014
1410068 PHOENIX-1410068 Datasheet
67Kb / 4P
Cable sleeve - CES-STPG-GY-1ASI-L
09/11/2020
1410424 PHOENIX-1410424 Datasheet
70Kb / 4P
Cable sleeve - CES-STPG-GY-2X3
09/11/2020
1410438 PHOENIX-1410438 Datasheet
69Kb / 4P
Cable sleeve - CES-STPG-GY-2X4
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com