Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0105 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0105
Description  Power Shield (SKU:DFR0105)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0105 Datasheet(HTML) 1 Page - DFROBOT

  DFR0105 Datasheet HTML 1Page - DFROBOT DFR0105 Datasheet HTML 2Page - DFROBOT DFR0105 Datasheet HTML 3Page - DFROBOT DFR0105 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
Power Shield (SKU:DFR0105)
Contents
1 Introduction
2 Specification
3 PinOut
4 Tutorial
4.1 Usage
4.2 Sample Code
4.3 Result
5 Trouble shooting
Introduction
Many Arduino projects may need more than two voltage supplies. When fed with 4.5-35V, this power
shield is able to provide a voltage range from 1.25-12V with 3A peak current. Ideal for servo control
and other non-standard components. With this shield, your Arduino can now have one power supply
for everything.
The power shield has a built-in voltage measuring function which maps the output voltage to Arduino
analog pin 0. It can be controlled by Arduino digital Pin 13 to switch on/off.


Similar Part No. - DFR0105

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0106 DFROBOT-DFR0106 Datasheet
206Kb / 3P
Light Disc (SKU:DFR0106)
8-22-18
More results

Similar Description - DFR0105

ManufacturerPart #DatasheetDescription
logo
Tokyo Coil Engineering ...
SHP0760AP TCE-SHP0760AP Datasheet
135Kb / 1P
Shield High Power Inductor
Rev1.1
SHP0315P TCE-SHP0315P Datasheet
125Kb / 1P
Shield High Power Inductor
SHP0320P TCE-SHP0320P Datasheet
127Kb / 1P
Shield High Power Inductor
SHP0415P TCE-SHP0415P Datasheet
128Kb / 1P
Shield High Power Inductor
SHP0420P TCE-SHP0420P Datasheet
126Kb / 1P
Shield High Power Inductor
SHP0735P TCE-SHP0735P Datasheet
300Kb / 2P
Shield High Power Inductor
SHP0745AP TCE-SHP0745AP Datasheet
135Kb / 1P
Shield High Power Inductor
Rev1.1
SHP1035P TCE-SHP1035P Datasheet
135Kb / 1P
Shield High Power Inductor
SHP1245P TCE-SHP1245P Datasheet
126Kb / 1P
Shield High Power Inductor
SHP1280AP TCE-SHP1280AP Datasheet
178Kb / 2P
Shield High Power Inductor
Rev0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com