Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0129 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0129
Description  Capacitive Touch Kit For Arduino(SKU:DFR0129)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0129 Datasheet(HTML) 4 Page - DFROBOT

  DFR0129 Datasheet HTML 1Page - DFROBOT DFR0129 Datasheet HTML 2Page - DFROBOT DFR0129 Datasheet HTML 3Page - DFROBOT DFR0129 Datasheet HTML 4Page - DFROBOT DFR0129 Datasheet HTML 5Page - DFROBOT DFR0129 Datasheet HTML 6Page - DFROBOT DFR0129 Datasheet HTML 7Page - DFROBOT DFR0129 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
{ Serial.print("wheel:");
Serial.println("0");
}
if (key==4)
{ Serial.print("wheel:");
Serial.println("1");
}
if (key==7)
{ Serial.print("wheel:");
Serial.println("2");
}
if (key==11)
{ Serial.print("wheel:");
Serial.println("3");
}
if (key==2)
{ Serial.print("wheel:");
Serial.println("4");
}
if (key==5)
{ Serial.print("wheel:");
Serial.println("5");
}
if (key==8)
{ Serial.print("wheel:");
Serial.println("6");
}
if (key==0)
{ Serial.print("wheel:");
Serial.println("7");
}
if (key==3)
{ Serial.print("wheel:");



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com