Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0140 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0140
Description  Breadboard Power Supply 5V/3.3V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0140 Datasheet(HTML) 1 Page - DFROBOT

  DFR0140 Datasheet HTML 1Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Breadboard Power Supply 5V/3.3V
SKU:DFR0140
INTRODUCTION
This is a very simple board that takes a 6-12V input voltage and outputs a selectable 5V or 3.3V regulated voltage. All headers
are 0.1" pitch for simple insertion into a breadboard. It can be either powered from 6-12 DC2.1 power jack or from USB
power. The maximum current it can provide is 500mA.
SPECIFICATION
Input voltage: 6-12V (Power Jack) 5V (USB)
Output voltage:3.3V/5V
Output current:500mA
On/Off switch
Power status LED
Pin Head 5/3.3V output
Central positive DC2.1 power jack
SHIPPING LIST
Breadboard Power Unit (Assembled) x1
Powered By DFRobot © 2008-2017


Similar Part No. - DFR0140

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0144 DFROBOT-DFR0144 Datasheet
429Kb / 8P
Relay Shield for Arduino V2.1 (SKU:DFR0144)
More results

Similar Description - DFR0140

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Maxim Integrated Produc...
MAX767 MAXIM-MAX767 Datasheet
192Kb / 20P
5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
Rev 2; 8/94
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
5V DC power supply
Rev 0; 9/16
logo
SparkFun Electronics
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
PRT-13157 SPARKFUN-PRT-13157 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 3.3V/1.8V
4/16/2015
logo
Maxim Integrated Produc...
MAX20087EVKIT MAXIM-MAX20087EVKIT_V01 Datasheet
1Mb / 7P
3.3V power supply
2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com