Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM54 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CSM54
Description  RF Coils
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CSM54 Datasheet(HTML) 1 Page - Sumida Corporation

  CSM54 Datasheet HTML 1Page - Sumida Corporation CSM54 Datasheet HTML 2Page - Sumida Corporation CSM54 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: CSM54, CSM54N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
RF Coils < SMD Type: CSM Series>
◆ Product Description
・5.8×5.8mm Max.(L×W), 5.2mm Max. Height (CSM54),
・5.2×5.2mm Max.(L×W), 5.0mm Max. Height (CSM54N),
・Inductance: 10~77nH(CSM54);12~126nH(CSM54N)
・Operating frequency: 30MHz~150MHz(with ferrite core)
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆ Feature
・Low profile SMT molded coil.
・Used in RF circuits for communication and car radio applications.
・RoHS Compliance
◆ Dimensions (mm)
CSM54 (With case)
CSM54N (Without case)
CSM54
CSM54N
* Referance only
DATE CODE
Type
2
4
2
4
5.5±0.3
φ0.5
3.75±0.2
MAX. 5.2
φ
0.5
DATA CODE
4
2
* Referance only
MAX. 5.0
5.0±0.2
7.0±0.2


Similar Part No. - CSM54

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
logo
Clarke International
CSM5150 CLARKE-CSM5150 Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
CSM5150B CLARKE-CSM5150B Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
CSM5150BP CLARKE-CSM5150BP Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
CSM5150G CLARKE-CSM5150G Datasheet
3Mb / 12P
BOLTLESS SHELVING UNITS
GC06/18 ISS 1
More results

Similar Description - CSM54

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
RF Coils
SM76 SUMIDA-SM76 Datasheet
35Kb / 1P
RF Coils
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
RF COILS
S-7LFN SUMIDA-S-7LFN Datasheet
159Kb / 1P
RF COILS
S-7LBFN SUMIDA-S-7LBFN Datasheet
156Kb / 1P
RF COILS
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
RF COILS
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
RF COILS
S-7GC SUMIDA-S-7GC Datasheet
30Kb / 1P
RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
RF COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com