Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R901 Datasheet(PDF) 3 Page - EPCOS

Part # R901
Description  Resonator 315,00 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R901 Datasheet(HTML) 3 Page - EPCOS

  R901 Datasheet HTML 1Page - EPCOS R901 Datasheet HTML 2Page - EPCOS R901 Datasheet HTML 3Page - EPCOS R901 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Dec 05, 2005
SAW Components
R901
315,00 MHz
Resonator
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
1) Center frequency is defined as maximum of the real part of the admittance
2) If used in two port configuration (pin 1-input, pin 3-output) C0 is reduced by approx. 0,3 pF.
3)Temperature dependence of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Center frequency 1)
fc
314,925
315,000
315,075 MHz
Minimum insertion attenuation
α
min
—
1,5
1,9
dB
Unloaded quality factor
QU
7600
11000
—
Ageing of
fc
—
—
–50/+50 ppm
Equivalent circuit elements
Motional capacitance
C1
—
2,268
—
fF
Motional inductance
L1
—
112,5
—
µH
Motional resistance
R1
—20
28
Ω
Parallel capacitance 2)
C0
—
3,30
—
pF
Temperature coefficient of frequency 3)
TCf
—
–0,032
—
ppm/K2
Turnover temperature
T0
15—35
˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com