Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP12 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # AP12
Description  AP12 ACCESS POINT DATASHEET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP12 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  AP12 Datasheet HTML 1Page - Juniper Networks, Inc. AP12 Datasheet HTML 2Page - Juniper Networks, Inc. AP12 Datasheet HTML 3Page - Juniper Networks, Inc. AP12 Datasheet HTML 4Page - Juniper Networks, Inc. AP12 Datasheet HTML 5Page - Juniper Networks, Inc. AP12 Datasheet HTML 6Page - Juniper Networks, Inc. AP12 Datasheet HTML 7Page - Juniper Networks, Inc. AP12 Datasheet HTML 8Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP12 ACCESS POINT DATASHEET
Product Description
The Juniper® AP12 is a wall plate Wi-Fi 6 access point optimized for environments that
require easy, flexible deployment, and the simultaneous support of multiple devices. It
supports an aggregate data rate up to 1.8 Gbps concurrently on both 2.4 GHz and 5 GHz
radios and provides a cost-effective investment choice for branch offices, remote workers,
school dormitory, and hotel room environments.
While wired and wireless networks are business critical, without the right architecture they
can be harder to operate given the sheer number of mobile and IoT devices—not to
mention the extensive variety of hardware, operating systems, and applications currently in
use. Traditional architectures—highly manual and network-centric—lack the scale, flexibility,
and end-to-end visibility required to support modern mobility requirements and the IT
departments that manage them.
Juniper AI-Driven Network
Juniper Mist™ brings true innovation to wireless networking with the world’s first AI-driven
wireless LAN (WLAN). The Juniper AI-Driven Enterprise makes Wi-Fi predictable, reliable,
and measurable, offering unprecedented visibility into the user experience through the use
of unique Service-Level Expectation (SLE) metrics. Proactive AI-driven automation and a
self-healing network replace time-consuming manual tasks, lowering Wi-Fi operational
costs and saving substantial time and money.
The Juniper Mist Cloud Architecture
Juniper’s Mist AI leverages a cloud-native microservices architecture that delivers
unparalleled agility, scale, and resiliency to your network. An AI engine lowers OpEx and
delivers insights by using data science to analyze large amounts of rich metadata collected
by the Juniper Access Points.
Juniper Access Point Family
The Juniper enterprise-grade access point family consists of:
• AP45 Series, AP34, and AP24, which support Wi-Fi 6E, 802.11ax (Wi-Fi 6), and
Bluetooth LE
• AP43 Series, AP33, AP32, AP12, and AP63 Series, which support 802.11ax (Wi-Fi 6)
and Bluetooth LE
The real-time microservices in Juniper Mist cloud manage all these access points.
Datasheet
1
Product Overview
The wall plate AP12 access
point driven by Mist
AI automates network
operations and boosts Wi-Fi
performance. It’s optimized for
environments that require easy,
flexible deployment, and the
simultaneous support of multiple
devices. It supports an aggregate
data rate up to 1.8 Gbps
concurrently on both 2.4 GHz
and 5 GHz radios. Managed by
Juniper Mist Cloud Architecture,
the AP12 access point delivers
unprecedented user experiences
at a lower cost for branch office,
remote worker, school
dormitory, and hotel room
environments.


Similar Part No. - AP12

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP12 JUNIPER-AP12 Datasheet
2Mb / 9P
AP34 ACCESS POINT DATASHEET
Oct 2023
logo
Sensata Technologies, I...
AP12 SENSATA-AP12 Datasheet
605Kb / 12P
HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
Rev 01/17/2020
AP12-1-51-203-FM SENSATA-AP12-1-51-203-FM Datasheet
605Kb / 12P
HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
Rev 01/17/2020
logo
Anachip Corp
AP1202 ANACHIP-AP1202 Datasheet
765Kb / 11P
Dual USB High-Side Power Switch
Rev. 0.4 Feb.10, 2004
AP1202HN ANACHIP-AP1202HN Datasheet
765Kb / 11P
Dual USB High-Side Power Switch
Rev. 0.4 Feb.10, 2004
More results

Similar Description - AP12

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Laird Tech Smart Techno...
S2406BFNM LSTD-S2406BFNM Datasheet
240Kb / 1P
Direct access point mounting
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com