Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP32 Datasheet(PDF) 5 Page - Juniper Networks, Inc.

Part # AP32
Description  AP32 ACCESS POINT DATASHEET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP32 Datasheet(HTML) 5 Page - Juniper Networks, Inc.

  AP32 Datasheet HTML 1Page - Juniper Networks, Inc. AP32 Datasheet HTML 2Page - Juniper Networks, Inc. AP32 Datasheet HTML 3Page - Juniper Networks, Inc. AP32 Datasheet HTML 4Page - Juniper Networks, Inc. AP32 Datasheet HTML 5Page - Juniper Networks, Inc. AP32 Datasheet HTML 6Page - Juniper Networks, Inc. AP32 Datasheet HTML 7Page - Juniper Networks, Inc. AP32 Datasheet HTML 8Page - Juniper Networks, Inc. AP32 Datasheet HTML 9Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Specifications
Wi-Fi Standard
802.11ax (Wi-Fi 6), including support for OFDMA, 1024-QAM,
MU-MIMO, Target Wake Time (TWT), Spatial Frequency Reuse
(BSS Coloring). Backwards compatibility with 802.11a/b/g/n/ac
Combined Highest
Supported Data Rates
3.0 Gbps
2.4 GHz
2x2 : 2 802.11b/g/n/ac up to 400 Mbps data rate;
2x2 : 2 802.11ax up to 575 Mbps data rate
5 GHz
4x4 : 4 802.11ax up to 2,400 Mbps data rate
MIMO Operation
Four spatial stream SU-MIMO for up to 2,400 Mbps wireless data
rate to individual 4x4 HE80
Four spatial stream MU-MIMO for up to 2,400 Mbps wireless
data rate to up to four MU-MIMO-capable client devices
simultaneously
Dedicated Third Radio
2.4GHz and 5GHz dual-band WIDS/WIPS, spectrum analysis,
synthetic client and location analytics radio
Internal Antennas
Two 2.4GHz omnidirectional antennas with 5 dBi peak gain
Four 5GHz omnidirectional antennas with 6 dBi peak gain
Bluetooth 5.0
Omnidirectional Bluetooth antenna
Supports superbeacon mode with iBeacon and Eddystone
Beam Forming
Transmit Beamforming and Maximal Ratio Combining
Power Options
802.3at PoE, 802.3bt PoE
Dimensions
202 x 202 x 44 mm (7.95 x 7.95 x 1.73 in)
Weight
0.83 kg (1.83 lbs) excluding mount and accessories
AP32E: 0.81 kg (1.78 lbs) excluding mount and accessories
Operating Temperature Internal antenna: 0° to 40° C
External antenna: -20° to 50° C
Operating Humidity
10% to 90% maximum relative humidity, non-condensing
Operating Altitude
3,048 m (10,000 ft)
Mean Time Between
Failures (MTBF)
Indoor MTBF in hours is 846,297*
Trusted Platform
Module (TPM)
Includes a TPM for infrastructure security
Based on Telcordia SR-332 issue 3, Method I, Case 3 and measured at temperature of 25°C (77°F) for indoor access
points, and 65°C (149°F) for outdoor access points.
I/O and Indicators
USB
USB 2.0 support interface
Eth0
100/1000Base-T, 2.5GBase-T (802.3bz); RJ45; PoE PD
Eth1
10/100/1000Base-T; RJ45
External Antennas
(AP32E)
Five RP-SMA: four for Wi-Fi data; one for sensor. Male connectors
Reset
Reset to the factory default settings
Indicators
One multicolor status LED
Mounting Brackets
APBR-T58
3⁄8” threaded rod
APBR-M16
16mm threaded rod (M16-2)
APBR-ADP-CR9
9⁄16” T-Rail
APBR-ADP-RT15
15⁄16” T-Rail
APBR-ADP-WS15
1½” T-Rail
APBR-ADP-T12
½” threaded rod
*The AP package includes one Universal Bracket. APBR-U is available separately as an accessory.
AP32 Access Point Datasheet
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com