Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP33 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # AP33
Description  AP33 ACCESS POINT DATASHEET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP33 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  AP33 Datasheet HTML 1Page - Juniper Networks, Inc. AP33 Datasheet HTML 2Page - Juniper Networks, Inc. AP33 Datasheet HTML 3Page - Juniper Networks, Inc. AP33 Datasheet HTML 4Page - Juniper Networks, Inc. AP33 Datasheet HTML 5Page - Juniper Networks, Inc. AP33 Datasheet HTML 6Page - Juniper Networks, Inc. AP33 Datasheet HTML 7Page - Juniper Networks, Inc. AP33 Datasheet HTML 8Page - Juniper Networks, Inc. AP33 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP33 ACCESS POINT DATASHEET
Product Description
The Juniper® AP33 Wi-Fi 6 indoor access point delivers fast and reliable Wi-Fi experiences
and location-based services with one- to three-meter accuracy for retail, warehouse,
school, clinic, and home office environments. The AP33 offers an aggregate data rate up to
3 Gbps with the 2.4 GHz and 5 GHz bands running concurrently, and a patented virtual
Bluetooth LE (vBLE) antenna array boosts Wi-Fi performance, while providing dynamic
network insights and location services.
While wired and wireless networks are business critical, without the right architecture they
can be harder to operate given the sheer number of mobile and IoT devices—not to
mention the extensive variety of hardware, operating systems, and applications currently in
use. Traditional architectures—highly manual and network-centric—lack the scale, flexibility,
and end-to-end visibility required to support modern mobility requirements and the IT
departments that manage them.
Juniper AI-Driven Network
Juniper Mist™ brings true innovation to wireless networking with the world’s first AI-driven
wireless LAN (WLAN). The Juniper AI-Driven Enterprise makes Wi-Fi predictable, reliable,
and measurable with unprecedented visibility into the user experience through
customizable service-level expectation (SLE) metrics. Proactive automation and a self-
healing network replace time-consuming manual tasks, lowering Wi-Fi operational costs
and saving substantial time and money.
The Juniper Mist Cloud Architecture
The Juniper Mist cloud-native, AI-driven microservices architecture delivers unparalleled
agility, scale, and resiliency to your network. It lowers OpEx and delivers unprecedented
insights into network performance, behaviors, traffic patterns, and potential trouble spots
by using data science to analyze large amounts of rich metadata collected by the Juniper
Access Points.
Juniper Access Point Family
The Juniper enterprise-grade access point family consists of:
• AP45 Series, AP34 , and AP24, which support Wi-Fi 6E, 802.11ax (Wi-Fi 6), and
Bluetooth LE
• AP43 Series, AP33, AP32, AP12, and AP63 Series, which support 802.11ax (Wi-Fi 6)
and Bluetooth LE
The real-time microservices in Juniper Mist cloud manage all these access points.
Datasheet
1
Product Overview
The AP33 access point and
dynamic virtual Bluetooth LE
(vBLE) antenna array automate
network operations and boost
Wi-Fi performance, while
providing dynamic network
insights and location services.
Through its vBLE technology
and open APIs, the AP33
enables the delivery of location-
based services with one- to
three-meter accuracy. It offers
an aggregate data rate up to 3
Gbps with the 2.4 GHz and 5
GHz bands running
concurrently.


Similar Part No. - AP33

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP33 JUNIPER-AP33 Datasheet
2Mb / 9P
AP34 ACCESS POINT DATASHEET
Oct 2023
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3301K6TR-G1 DIODES-AP3301K6TR-G1 Datasheet
568Kb / 16P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
Advanced Power Electron...
AP3302H A-POWER-AP3302H Datasheet
77Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - AP33

ManufacturerPart #DatasheetDescription
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Laird Tech Smart Techno...
S2406BFNM LSTD-S2406BFNM Datasheet
240Kb / 1P
Direct access point mounting
logo
STMicroelectronics
P-NUCLEO-6180X1 STMICROELECTRONICS-P-NUCLEO-6180X1 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
P-NUCLEO-6180X2 STMICROELECTRONICS-P-NUCLEO-6180X2 Datasheet
226Kb / 8P
Power management access point
02-Jun-2015
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com