Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP43 Datasheet(PDF) 3 Page - Juniper Networks, Inc.

Part # AP43
Description  AP43 ACCESS POINT DATASHEET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP43 Datasheet(HTML) 3 Page - Juniper Networks, Inc.

  AP43 Datasheet HTML 1Page - Juniper Networks, Inc. AP43 Datasheet HTML 2Page - Juniper Networks, Inc. AP43 Datasheet HTML 3Page - Juniper Networks, Inc. AP43 Datasheet HTML 4Page - Juniper Networks, Inc. AP43 Datasheet HTML 5Page - Juniper Networks, Inc. AP43 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Analytics Cloud Services
Juniper Mist Premium Analytics
For Network Teams
• Baseline Analytics Features Come Included with Wi-Fi
Assurance, Mobile Engagement, and Asset Visibility
Subscriptions
• End-to-End Network Visibility
• Orchestrated Networking and Application Performance
Queries
• Simplified Network Transparency
For Business Teams
• Baseline Analytics Features Come Included with Wi-Fi
Assurance, Mobile Engagement, and Asset Visibility
Subscriptions
• Customer Segmentation and Reporting Based on Visitor
Telemetry
• Customized1 Dwell and Third-Party Reporting for Traffic and
Trend Analysis
• Correlation of Customer-Guest Traffic and Trend Analysis
• Correlated Customer-Guest Traffic and Trend Analysis
1
Juniper Mist Premium Analytics service subscription is needed
Access Point Features
High-Performance Wi-Fi
The AP43 Series comprises tri-radio 4x4 802.11ax access points
with maximum data rates of 2,400 Mbps in the 5 GHz band and
1,148 Mbps in the 2.4 GHz band. The third radio functions as a
network, location, and security sensor, a synthetic test client radio,
as well as a spectrum monitor.
With 802.11ax Orthogonal Frequency Division Multiple Access
(OFDMA), Multi-User Multiple Input Multiple Output (MU-MIMO),
and BSS Coloring technologies, the AP43 Series offers performance
at unprecedented levels to support new bandwidth-hungry
applications and soaring device densities.
AI for AX
With the new features that 802.11ax (Wi-Fi 6) introduces to boost
performance and efficiency, configuring and operating an access
point has grown far more complex. Juniper automates and
optimizes these features with AI for AX capabilities to optimize BSS
Coloring, improve data transmission scheduling within OFDMA and
MU-MIMO, and assign clients to the best radio to boost the overall
performance of the network.
Greater Spectral Efficiency
OFDMA improves spectral efficiency so that an increasing density
of devices can be supported on the network. Density has become
an issue with the rapid growth of IoT devices, which often utilize
smaller data packets than mobile devices and hence increase the
burden and contention on the network.
Additionally, BSS Coloring improves the coexistence of overlapping
BSSs and allows spatial reuse within a given channel by reducing
packet collisions.
Automatic RF Optimization
Radio Resource Management automates dynamic channel and
power assignment, taking Wi-Fi and external sources of
interference into account with a dedicated sensor radio. The AI
engine continuously monitors coverage and capacity SLE metrics to
learn and optimize the RF environment. A learning algorithm uses
hysteresis on a 24-hour window to conduct a sitewide rebalancing
for optimal channel and power assignment.
Proactive Insight and Action
A dedicated, dual-band third radio collects data for Juniper’s
patent- pending Proactive Analytics and Correlation Engine (PACE),
which uses machine learning to analyze user experiences, correlate
problems, and automatically detect their root causes. These metrics
are used to monitor SLEs and provide proactive recommendations
to ensure problems don’t occur (or are fixed as quickly as possible
when they do). This radio also functions as a synthetic test client to
proactively detect and mitigate network anomalies.
Improved IoT Battery Efficiency
By incorporating the 802.11ax target wake time (TWT) capability
and Bluetooth 5.0, AP43 access points help extend the battery life
of IoT devices, particularly as additional ones join the network.
Dynamic Debugging
Constantly monitor services running on the AP43 and send alerts
whenever a service behaves abnormally. Dynamic debugging
relieves IT of having to worry about an AP going offline or any
services running on it becoming unavailable.
Dynamic Packet Capture
The Juniper Mist platform automatically captures packets and
streams them to the cloud when major issues are detected. This
saves IT time and effort and eliminates the need for truck rolls with
sniffers to reproduce and capture data for troubleshooting.
AP43 Access Point Datasheet
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com