Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPPRM05WJP331B00 Datasheet(PDF) 4 Page - Multicomp Pro

Part # MPPRM05WJP331B00
Description  Through Hole Cement Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MPPRM05WJP331B00 Datasheet(HTML) 4 Page - Multicomp Pro

  MPPRM05WJP331B00 Datasheet HTML 1Page - Multicomp Pro MPPRM05WJP331B00 Datasheet HTML 2Page - Multicomp Pro MPPRM05WJP331B00 Datasheet HTML 3Page - Multicomp Pro MPPRM05WJP331B00 Datasheet HTML 4Page - Multicomp Pro MPPRM05WJP331B00 Datasheet HTML 5Page - Multicomp Pro MPPRM05WJP331B00 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page <4>
V1.0
10/07/25
Through Hole Cement Resistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Characteristics
Limits
Test Methods
(JIS C 5201-1)
Temperature cycling
Resistance change rate is
± (2% + 0.05Ω) Max. with no
evidence of mechanical damage
Resistance change after continuous
5 cycles for duty shown below:
Step
Temperature
Time
1
-55°C ± 3°C
30 mins
2
Room temp.
10 to 15 mins
3
+155°C ± 2°C
30 mins
4
Room temp.
10 to 15 mins
(Sub-clause 4.19)
Load life in humidity
Resistance value
ΔR/R
Wire-wound
±5%
Power film:
<100KΩ ±5%
≥100KΩ ±10%
Resistance change after 1,000 hours operating at RCWV
with duty cycle of (1.5 hours “on”, 0.5 hour “off”) in a
humidity test chamber controlled at 40°C ± 2°C and
90 to 95 % relative humidity
(Sub-clause 4.24.2.1)
Load life
Resistance value
ΔR/R
Wire-wound
±5%
Power film:
<100KΩ ±5%
≥100KΩ ±10%
Permanent resistance change after 1,000 hours operating
at RCWV with duty cycle of (1.5 hours “on”, 0.5 hour “off”)
at 70°C ± 2°C ambient
(Sub-clause 4.25.1)
Dimension
Type
Rating
Wattage
W ± 1
D ± 1
L ± 1
d ± 0.05
P ± 1
PRM0
3W
12.5
8.5
25
0.75
5
5 W
13
9
25
10W
13
9
50
Dimensions : Millimetres
PRM 7W, 10W : Lead not centered
PRM 2W, 3W, 5W : Lead centered



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com