Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S201 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPD4S201
Description  TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD4S201 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPD4S201 Datasheet HTML 20Page - Texas Instruments TPD4S201 Datasheet HTML 21Page - Texas Instruments TPD4S201 Datasheet HTML 22Page - Texas Instruments TPD4S201 Datasheet HTML 23Page - Texas Instruments TPD4S201 Datasheet HTML 24Page - Texas Instruments TPD4S201 Datasheet HTML 25Page - Texas Instruments TPD4S201 Datasheet HTML 26Page - Texas Instruments TPD4S201 Datasheet HTML 27Page - Texas Instruments TPD4S201 Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
20X 0.25
0.15
1.7 0.05
20X 0.5
0.3
0.8 MAX
(DIM A) TYP
OPT 02 SHOWN
0.05
0.00
16X 0.4
4X
1.6
A
3.1
2.9
B
3.1
2.9
0.25
0.15
0.5
0.3
WQFN - 0.8 mm max height
RUK0020B
PLASTIC QUAD FLATPACK - NO LEAD
4222676/A 02/2016
DIMENSION A
OPTION 01
(0.1)
OPTION 02
(0.2)
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
5
11
15
6
10
20
16
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
EXPOSED
THERMAL PAD
21
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 4.000
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com