Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640468 Datasheet(PDF) 46 Page - TE Connectivity Ltd

Part # 640468
Description  MTA, CST-100 II and SL-156 Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640468 Datasheet(HTML) 46 Page - TE Connectivity Ltd

Back Button 640468 Datasheet HTML 42Page - TE Connectivity Ltd 640468 Datasheet HTML 43Page - TE Connectivity Ltd 640468 Datasheet HTML 44Page - TE Connectivity Ltd 640468 Datasheet HTML 45Page - TE Connectivity Ltd 640468 Datasheet HTML 46Page - TE Connectivity Ltd 640468 Datasheet HTML 47Page - TE Connectivity Ltd 640468 Datasheet HTML 48Page - TE Connectivity Ltd 640468 Datasheet HTML 49Page - TE Connectivity Ltd 640468 Datasheet HTML 50Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
PAGE 46
MTA, CST-100 II and SL-156 Connectors
MTA-156 Shrouded Headers—Straight and Right-Angle
Material and Finish
Housing—UL94V-0 rated, polyester, black
Posts—Copper alloy, tin plated; or
.000030 [0.00076] or .000015
[0.00038] gold over nickel
Notes:
1. Post(s) can be omitted for keying purposes. Specify
the desired post(s) to be omitted using the figure
to identify Post No. 1.
2. Gold headers are duplex plated, gold on mating
end of post and tin-lead on the solder tail.
3. Peg holes are not required in PC boards when
headers without pegs are used.
4. One peg only on a 2 position header, other position
sizes have two pegs.
5. Right-angle front and rear bend headers with
retention pegs can be made available upon request.
Minimums may apply.
For mateability options, see matrix on
pages 27, 28, and 47.
For mating half visuals, see pages 29 thru 32.
Header Ordering Information
The “Base Part Numbers” Chart at right
shows the base part number and num-
ber of posts available for the described
headers.
Prefixes and suffixes are determined by
the number of post positions in the head-
er. For example, the complete part num-
ber for a 10-position header with straight,
square posts and with pegs would be:
Base number
647127 plus
prefix-and-suffix
4- — -0
The correct ordering number is
4-647127-0
No. of
Dim.
RoHS
Pos.
A
Prefix/Suffix
2
.406
2--2
10.31
3
.562
2--3
14.27
4
.718
2--4
18.24
5
.874
2--5
22.20
6
1.030
2--6
26.16
7
1.186
2--7
30.12
8
1.342
2--8
34.09
9
1.498
2--9
38.05
10
1.654
3--0
42.01
11
1.810
3--1
45.97
12
1.966
3--2
49.94
All RoHS equivalent part numbers may not be available
upon catalog release. If the number you need is not
available, please contact Product Engineering to expe-
dite your request.
Straight Post (.045 [1.14] Square or Round)
Right-Angle (.045 [1.14] Square)
A
.455
[11.56]
Polarized
Retention Peg
.125
[3.18]
.045
[1.14]
Post
No. 1
.156
[3.96]
.550
[13.97]
.525
[13.34]
.300
[7.62]
.125
[3.18]
.100
[2.54]
.167
[4.24]
.210
[5.33]
.066/062
[1.68/1.58]
Dia.
.156
[3.96]
.078
[1.98]
.167
[4.24]
.245
[6.22]
Edge of Board
Min.
.066/062
[1.68/1.58]
Dia.
.156
[3.96]
.078
.239
[1.98]
[6.07]
.350/.700
[8.89/17.78]
.069/.065
[1.75/1.65]
Edge of Board
Dia.
Recommended Mounting Hole Pattern for
.062 [1.57] Thick PC Board Using a
Straight Post Header
Recommended Mounting Hole Pattern for
.062 [1.57] Thick PC Board Using a
Right-Angle Header
Front Bend
Rear Bend
Post
No. 1
[3.96]
Typ.
.045
[1.14]
.525
[13.34]
Ref.
.300
[7.62]
Ref.
.455
[11.56]
.210
[5.33]
.205
[5.21]
.125
[3.18]
Post
No. 1
[3.96]
Typ.
.045
[1.14]
.525
[13.34]
Ref.
.300
[7.62]
Ref.
.455
[11.56]
[5.33]
.205
[5.21
±.002
± 0.05]
.125
[3.18
± .010
± 0.25]
PC Board Hole Diameters
Square Post
Round Post
.069/.065
.054/.050
[1.75/1.65]
[1.37/1.27]
Base Part Numbers
Straight Square Posts
Straight Round Posts
Without Pegs
With Pegs
Without Pegs
With Pegs
Standard UL94V-0, Tin Plated
647123
22–32
647127
22–32
Standard UL94V-0, .000030 [0.00076] Gold Plated
Standard UL94V-0, .000015 [0.00038] Gold Plated
Square Posts
Right-Angle Posts, Front Bend
Right-Angle Posts, Rear Bend
Without Pegs
Without Pegs
Header
RoHS
Header
RoHS
Part Nos.
Equiv.
Part Nos.
Equiv.
Standard UL94V-0, Tin Plated
647125
22–32
Standard UL94V-0, .000030 [0.00076] Gold Plated
Standard UL94V-0, .000015 [0.00038] Gold Plated
Note: Select load headers (omitted pin headers) are available upon request. Please contact product
engineer or product manager for details.
Note: Consult Product Drawing for details
on placing headers onto PC boards.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
Header
Part Nos.
RoHS
Equiv.
.210
.156
.156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com