Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0347 Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0347
Description  2.8" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0347
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0347 Datasheet(HTML) 5 Page - DFROBOT

  DFR0347 Datasheet HTML 1Page - DFROBOT DFR0347 Datasheet HTML 2Page - DFROBOT DFR0347 Datasheet HTML 3Page - DFROBOT DFR0347 Datasheet HTML 4Page - DFROBOT DFR0347 Datasheet HTML 5Page - DFROBOT DFR0347 Datasheet HTML 6Page - DFROBOT DFR0347 Datasheet HTML 7Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Touch screen Smaple code
#include <SPI.h>
#include <DmTftIli9341.h>
#include <DmTouch.h>
#include <utility/DmTouchCalibration.h>
DmTftIli9341 tft = DmTftIli9341(10,9);
DmTouch dmTouch = DmTouch(DmTouch::DM_TFT28_105);
DmTouchCalibration calibration = DmTouchCalibration(&tft, &dmTouch);
bool calibrated = false;
uint16_t x=0, y=0 ;
void setup() {
dmTouch.setCalibrationMatrix(calibration.getDefaultCalibrationData((int)DmT
ouch::DM_TFT28_105));
tft.init();
dmTouch.init();
}
void loop() {
bool touched = true;
if (dmTouch.isTouched()) {
dmTouch.readTouchData(x,y,touched);//(x, y) coordinates read contacts
calibration.drawCalibPoint(x, y);//In a display of contact
}
}



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com