Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0348 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR0348
Description  3.5" TFT Touch Shield with 4MB Flash for Arduino and mbed SKU:DFR0348
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0348 Datasheet(HTML) 7 Page - DFROBOT

  DFR0348 Datasheet HTML 1Page - DFROBOT DFR0348 Datasheet HTML 2Page - DFROBOT DFR0348 Datasheet HTML 3Page - DFROBOT DFR0348 Datasheet HTML 4Page - DFROBOT DFR0348 Datasheet HTML 5Page - DFROBOT DFR0348 Datasheet HTML 6Page - DFROBOT DFR0348 Datasheet HTML 7Page - DFROBOT DFR0348 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Anyway, there is converted picture in the library folder (DmTftLibrary\examples\DM-TFT35-107). You
could have a try with it first.
1.Copy the converted picture to the SD.
2.Plug SD card in the touch screen.
3.Download the following program
#include <SPI.h>
#include <SPIFlash.h>
#include <SD.h>
#include <DmTftSsd2119.h>
#include <DmDrawBmpFromSdCard.h>
#define TFT_CS
10
#define SD_CS
8
#define F_CS
6
#define T_CS
4
DmTftSsd2119 tft = DmTftSsd2119(10, 9);
DmDrawBmpFromSdCard drawImage = DmDrawBmpFromSdCard();
void setup()
{
pinMode(TFT_CS, OUTPUT); // Set CS SPI pin HIGH for all SPI units, so they
don't interfere
digitalWrite(TFT_CS, HIGH);
pinMode(T_CS, OUTPUT);
digitalWrite(T_CS, HIGH);
pinMode(SD_CS, OUTPUT);



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com