Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0515 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0515
Description  FireBeetle Covers OSD Character Overlay Module SKU:DFR0515
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0515 Datasheet(HTML) 3 Page - DFROBOT

  DFR0515 Datasheet HTML 1Page - DFROBOT DFR0515 Datasheet HTML 2Page - DFROBOT DFR0515 Datasheet HTML 3Page - DFROBOT DFR0515 Datasheet HTML 4Page - DFROBOT DFR0515 Datasheet HTML 5Page - DFROBOT DFR0515 Datasheet HTML 6Page - DFROBOT DFR0515 Datasheet HTML 7Page - DFROBOT DFR0515 Datasheet HTML 8Page - DFROBOT DFR0515 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
•
Video Signal Input: RCA A/V_IN or PH2.0 IN
•
Video Signal Input: RCA A/V_OUT or PH2.0 OUT
•
OSD (On-screen Display) Control: SPI Interface
•
RST: Reset button of OSD chip
•
D2-D5: chip selection is available with dial switch
Board Overview
NOTE: When disconnect NC, VCC is the output voltage of the power supply(USB power
supply: 5V; lithium battery power supply: 3.7V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com