Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT151-500-R Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BT151-500-R
Description  12A Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BT151-500-R Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BT151-500-R Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-500-R Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-500-R Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-500-R Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BT151-500-R Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BT151-500R/-600R/-800R
12A Silicon Controlled Rectifiers
http://
www.lgesemi.com
Revision:20240716-P2
mail:lge@lgesemi.com
ELECTRICAL CHARACTERISTICS(Tj=25℃ unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNITS
Gate Trigger Current
VD=12V,IT=0.1A
IGT
MAX
15
mA
Gate Trigger Voltage
VD=12V,RL=30Ω
VGT
MAX
1.5
V
Gate Non-Trigger Voltage VD=VDRM,Tj=125℃,
RL=3.3KΩ,RGK=1KΩ
VGD
MIN
0.25
V
Holding Current
IT=0.1A
IH
MAX
20
mA
Latching Current
IT=1.2IGT
IL
MAX
40
mA
Critical rate of rise of
on-state current
Tj=125℃,IG=2×IGT,
tr≤100ns
di/dt
MIN
50
A/μs
Critical Rate of Rise of Off-State Voltage
VD=2/3VDRM,Tj=125℃
dv/dt
MIN
500
V/μs
Critical Rate of Rise of Off-State Voltage at
Commutation, Tj=125℃
(dv/dt)c
MIN
10
V/μs
STATIC CHARACTERISTICS
PARAMETER
TEST CONDITIONS SYMBOL
VALUE
UNITS
Peak On-State Voltage
IT=23A,tp=380μs
VTM
MAX
1.7
V
Threshold Voltage
Tj=125℃
VTO
MAX
0.87
V
Dynamic Resistance
Tj=125℃
Rd
MAX
36.6
Repetitive Peak Off-State Curren
VD =VDRM
Tj=25℃
IDRM
MAX
10
μ
A
Tj=125℃
1
mA
Repetitive Peak Off-State Curren
VR=VRRM
Tj=25℃
IRRM
MAX
10
μ
A
Tj=125℃
1
mA
RATING AND CHARACTERISTICS CURVES
IT(AV) (A)
0
8
6
4
2
5
10
15
Ptot
(W)
0
4
2.8
2.2
1.9
a = 1.57
α
Tmb(max)
(°C)
125
105.5
108.8
115.3
121.8
118.5
112.0
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α
Fig. 1. Total power dissipation as a function of average on-state current; maximum values



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com