Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22950 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22950
Description  HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22950 Datasheet HTML 7Page - Diodes Incorporated AP22950 Datasheet HTML 8Page - Diodes Incorporated AP22950 Datasheet HTML 9Page - Diodes Incorporated AP22950 Datasheet HTML 10Page - Diodes Incorporated AP22950 Datasheet HTML 11Page - Diodes Incorporated AP22950 Datasheet HTML 12Page - Diodes Incorporated AP22950 Datasheet HTML 13Page - Diodes Incorporated AP22950 Datasheet HTML 14Page - Diodes Incorporated AP22950 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP22950
Document number: DS47157 Rev. 2 - 2
13 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP22950
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-WLB2515-15
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-WLB2515-15
Note:
The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These
dimensions may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering
and is calculated by adding 0.2 mm to the
“Z” dimension. For further information, please reference document IPC-7351A, Naming Convention
for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
Note:
For high-voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances
between device Terminals and PCB tracking.
U-WLB2515-15
Dim
Min
Max
Typ
A
0.5470 0.6530 0.6000
A1
0.2250 0.2750 0.2500
A2
0.3000 0.3500 0.3250
A3
0.0220 0.0280 0.0250
b
0.2635 0.3565 0.3100
D
2.5150 2.5700 2.5425
D1
--
--
2.000
D2
--
--
0.2713
D3
--
--
0.2713
E
1.4950 1.5500 1.5225
E1
--
--
1.000
E2
--
--
0.2613
E3
--
--
0.2613
e
--
--
0.50
aaa
--
--
0.0275
bbb
--
--
0.0600
ccc
--
--
0.0300
ddd
--
--
0.1500
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.500
D Ø
0.225
D1 Ø
0.325
e
Øb
ddd
C A B
D
aaa C ( 2x)
bbb C
C
Solder Bump
A3
A2
A1
Seating Plane
A
A
B
aaa C ( 2x)
E
Pin#1
1
2
3
A
B
C
D
E
D2
D1
D3
E2
E1
E3
Pin#1
D1 ( Solder Mask
Opening)
D ( Copper Pad
Diameter)
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com