Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP68255Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP68255Q
Description  5.5V TO 80V INPUT AUTOMOTIVE GRADE, 2.5A AND 3.5A NON-SYNCHRONOUS BUCK CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP68255Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP68255Q Datasheet HTML 1Page - Diodes Incorporated AP68255Q Datasheet HTML 2Page - Diodes Incorporated AP68255Q Datasheet HTML 3Page - Diodes Incorporated AP68255Q Datasheet HTML 4Page - Diodes Incorporated AP68255Q Datasheet HTML 5Page - Diodes Incorporated AP68255Q Datasheet HTML 6Page - Diodes Incorporated AP68255Q Datasheet HTML 7Page - Diodes Incorporated AP68255Q Datasheet HTML 8Page - Diodes Incorporated AP68255Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP68255Q/AP68355Q
Document number: DS47151 Rev. 2 - 2
2 of 18
www.diodes.com
September 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP68255Q/AP68355Q
Typical Applications Circuit
AP68255Q
AP68355Q
VIN
EN
SW
BST
FB
GND
VIN: 5.5V – 80V
R1
C4
L
C3
100nF
COUT
CIN
10µ F
OUTPUT
D1
R2
Figure 1. Typical Application Circuit
Figure 2. Efficiency vs. Output Current, VOUT = 12V, fSW = 300kHz, L = 68µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com