Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBFMP33UHFX Datasheet(PDF) 35 Page - Banner Engineering Corp.

Part # PBFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PBFMP33UHFX Datasheet(HTML) 35 Page - Banner Engineering Corp.

Back Button PBFMP33UHFX Datasheet HTML 31Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 32Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 33Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 34Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 35Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 36Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 37Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 38Page - Banner Engineering Corp. PBFMP33UHFX Datasheet HTML 39Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Fiber Systems
197
More information online at
bannerengineering.com
Plastic Fiber Optics
PFK20
• For use with 1 mm and 1.5 mm
diameter cables.
• These kits are used with unterminated
plastic fiber cables.
• Each kit contains 40 bushings and
10 cutter assemblies (cutters can be
purchased separately in packages of 25
- reference model PFC-2-25)
• For use with 0.25 mm and
0.5 mm diameter cables.
MODEL NUMBER
MODEL SPECIFIC FEATURES
GENERAL FEATURES
DRAWING
MODEL NUMBER
CORE
LENGTH
TYPE
DRAWING
PFS69S6T
UPFA-1-100
Fiber end
Adapter
• Compression fitting adapters are used
with small-diameter unterminated plastic
fiber cables.
• Use when interfacing small-diameter
plastic fibers to D10, D11, D12, PC44,
QM42, Q23, QS18, R55F, FI22, and
MINI-BEAM plastic fiber sensor families.
• Each kit contains 100 pairs of adapters.
One pair will interface either one
bifurcated fiber optic cable or a pair of
individual cables to a fiber optic amplifier.
0.5 mm
9 m
18 m
Single
PIU230U
PIU260U
1.0 mm
9 m
18 m
Single
PIU430U
PIU460U
1.5 mm
9 m
18 m
Single
PIU630U
PIU660U
1.0 mm
9 m
18 m
Duplex
PBU43OU
PBU460U
• Stainless-steel sheathing with stainless-
steel end fittings (one end internally
threaded to capture fiber end tips, other
end non-threaded) is used in applications
where protection is required for plastic
fiber optic cables.
• All models listed are 1.8 m in length.
• Other lengths are available by contacting
Banner Applications Department.
• May be used with bifurcated
fiber assemblies having M6
x 0.75 threaded end tips
(e.g., PBCT46U, PBP46U,
PBT46UHT1, and PBT66U).
• May be used with individual
or bifurcated fiber assemblies
having M4 x 0.7 threaded end
tips (e.g., PBCT26U, PBPF26U,
PIP46U, PIT46U, and PIT66U).
• May be used with individual
fiber assemblies having
M3 x 0.5 threaded end tips
(e.g., PIP26U, PIT26U and
PIT1X46U).
• Use to adapt plastic fiber optic
cables with outside jacket
diameter of 1.0 mm, such as
PIT26U and PBP16U.
• Use to adapt plastic fiber optic
cables with outside jacket
diameter of 1.25 mm or
1.3 mm, such as PBCT26U and
PBF46UM3MJ1.3.
PFS53S6T
PFS44S6T
UPFA-2-100
NOTE: Bushings used with Q45, OMNI-BEAM,
ECONO-BEAM, MAXI-BEAM and
VALU-BEAM sensors only.
MODEL NUMBER
MODEL SPECIFIC FEATURES
GENERAL FEATURES
DRAWING
PFK40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com