Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDIFMP33UHFX Datasheet(PDF) 40 Page - Banner Engineering Corp.

Part # PDIFMP33UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP33UHFX Datasheet(HTML) 40 Page - Banner Engineering Corp.

Back Button PDIFMP33UHFX Datasheet HTML 34Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 35Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 36Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 37Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 38Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 39Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 40Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 41Page - Banner Engineering Corp. PDIFMP33UHFX Datasheet HTML 42Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Fiber Systems
202 More information online at bannerengineering.com
Glass Fiber Optics
Indicates lenses available for model. See page 203 for details.
3.18
19
IA23S
Detailed Dimensions Online
914
12.7
27.9
R 12.7
ø 4.87
20.3
ø 6.4
stainless
steel
ø 7.4
ø 4.7
12.7
12.7
200
1000
400
600
800
1200
• 90° Angle
3.18
19
IAT23S
Detailed Dimensions Online
ø 6.4
stainless
steel
ø 7.4
ø 4.7
12.7
12.7
914
5/16-24 UNF brass
2 brass jam nuts
included
20.3
ø 4.8
12.7
27.9
R 12.7
38.1
ø 7.4
200
1000
400
600
800
1200
• 90° Angle/Thread
3.18
19
IF23P
Detailed Dimensions Online
ø 5.8
PVC with
monocoil
ø 4.7
ø 7.4
ø 4.8
ø 7.4
12.7
12.7
914
12.7
12.7
200
1000
400
600
800
1200
• Smooth ferrule
0.69
9.5
IMT.442P
Detailed Dimensions Online
ø 3.0
PVC with
monocoil
914
12.7
16.5
ø 4.7
ø 7.4
ø 3.8
#8-32 thd brass
2 jam nuts included
12.7
12.7
20
100
40
60
80
120
• Miniature thread
3.18
19
IT23S
Detailed Dimensions Online
ø 8.0
ø 6.4
stainless
steel
ø 7.4
ø 4.7
5/16-24 thd brass
2 jam nuts included
38.1
12.7
12.7
12.7
914
ø 3.18
200
1000
400
600
800
1200
• Thread
3.18
19
ITA23S
Detailed Dimensions Online
ø 8.0
ø 6.4
stainless steel
5/16-24 thd brass
2 jam nuts included
38.1
15.8
12.7
914
ø 7.4
12.7
12.7
27.9
ø 4.8
R 9.7
200
1000
400
600
800
1200
• Thread/90° Angle
1.17
19
IAM.752S
Detailed Dimensions Online
ø 8.0
ø 1.5
ø 6.4
stainless
steel
ø 7.4
ø 4.7
25.4
35.6
12.7
12.7
610
R 3.05
4.8
50
100
150
200
• ø 1.5 mm non-bendable
probe; 90° angle
1.17
19
IM.752S
Detailed Dimensions Online
ø 7.4
ø 1.5
ø 4.6
ø 6.4
stainless
steel
ø 7.4
ø 4.7
12.7
12.7
25.4
12.7
12.7
610
50
100
150
200
• ø 1.5 mm non-bendable
probe
1.17
9.5
IMP.753P
Detailed Dimensions Online
ø 3.0
PVC with
monocoil
914
12.7
16.5
ø 4.7
ø 7.4
ø 3.8
ø 1.5
25.4
12.7
50
100
150
200
• ø 1.5 mm non-bendable
probe
3.96
19
IR2.53S
Detailed Dimensions Online
12.7
12.7
ø 6.4
stainless
steel
ø 7.4
ø 4.7
914
6.4
38.1
25.4
12.7
0.25
38.1
50.8
9.4
2x 4.8
200
1000
400
600
800
1200
• Straight exit;
38 mm width
3.18
19
IR23S
Detailed Dimensions Online
ø 6.4
stainless
steel
12.7
12.7
914
2.54
19.1
11.7
2x 3.2
0.8
6.3
19.1
9.7
ø 7.4
ø 4.7
200
1000
400
600
800
1200
• Straight exit;
10 mm width
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
M600
M900
M600
M900
M600
M900
M600
M900
M600
M900
M600
M600
M600
M600
R55F
SME312
D12E
D12
QS18*
M600 Available 315° C (600°F) models. Add M600 to
end of model number (ex: BA23SM600).
M900 Available 480° C (900°F) models. Add M900 to
end of model number (ex: BA23SM900).
* Range data for QS18F
not available at
printing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com