Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63 Datasheet(PDF) 5 Page - Juniper Networks, Inc.

Part # AP63
Description  AP63 ACCESS POINT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP63 Datasheet(HTML) 5 Page - Juniper Networks, Inc.

  AP63 Datasheet HTML 1Page - Juniper Networks, Inc. AP63 Datasheet HTML 2Page - Juniper Networks, Inc. AP63 Datasheet HTML 3Page - Juniper Networks, Inc. AP63 Datasheet HTML 4Page - Juniper Networks, Inc. AP63 Datasheet HTML 5Page - Juniper Networks, Inc. AP63 Datasheet HTML 6Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Juniper Mist Edge
Juniper APs offer a flexible data plane. Juniper Mist Edge is an on-
premises appliance that runs a tunnel termination service. Traffic
can be broken out locally or tunneled to Juniper Mist Edge.
Juniper Mist Edge use cases include: seamless mobility in large
campus environments, tunneling of guest traffic to a DMZ, IoT
segmentation, and teleworker services.
1
Juniper Mist Premium Analytics service subscription is needed
Specifications
Wi-Fi Standard
802.11ax (Wi-Fi 6), including support for OFDMA, 1024-QAM,
MU-MIMO, Target Wake Time (TWT), Spatial Frequency Reuse
(BSS Coloring).
Backwards compatibility with 802.11a/b/g/n/ac
Combined Highest
Supported Data Rates
Dual-Band: 3.5 Gbps
Dual-5 GHz (internal antenna model): 4.8 Gbps
2.4 GHz
4x4:4 802.11ax up to 1,148 Mbps data rate
5 GHz
4x4:4 802.11ax up to 2,400 Mbps data rate
MIMO Operation
Four spatial stream SU-MIMO for up to 2,400 Mbps wireless
data rate to individual 4x4 HE80
Four spatial stream MU-MIMO for up to 2,400 Mbps wireless
data rate to up to four MU-MIMO capable client devices
simultaneously
Dedicated Third Radio
2/2:2 SS, dual-band WIDS/WIPS, spectrum analysis, synthetic
client and location analytics radio
Internal Antennas
Four 2.4 GHz omnidirectional antennas with 4 dBi peak gain
Four 5 GHz omnidirectional antennas with 6 dBi peak gain
Bluetooth 5.0
vBLE 16-element Directional Antenna Array + Omni Bluetooth
Antenna
Beam Forming
Transmit Beamforming and Maximal Ratio Combining
Power Options
802.3at PoE (no PoE out), 802.3bt PoE
Dimensions
285 x 285 x 86 mm (11.2 x 11.2 x 3.4 in)
Weight
AP63: 3.4 kg (7.5 lbs) excluding mount and accessories
AP63E: 3.9 kg (8.6 lbs) excluding mount and accessories
Operating Temperature
-40° to 55° C with solar loading
-40° to 65° C without solar loading
Operating Humidity
10% to 90% maximum relative humidity, non-condensing
Enclosure
IP67 / NEMA 4 compliant
Electromagnetic Emission FCC Part 15 Class B
Operating Altitude
3,048 m (10,000 ft)
Mean Time Between
Failures (MTBF)
Indoor MTBF in hours is 999,958*
Outdoor MTBF in hours is 265,318*
Trusted Platform Module
(TPM)
Includes a TPM for infrastructure security
Certification
Class 1, Division 2 for hazardous locations
*Based on Telcordia SR-332 issue 3, Method I, Case 3 and measured at temperature of 25°C (77°F) for indoor access
points, and 65°C (149°F) for outdoor access points.
I/O and Indicators
Eth0
100/1000Base-T, 2.5GBase-T (802.3bz); RJ45; PoE PD (requires
802.3bt)
Eth1
10/100/1000Base-T; RJ45 optional 802.3af PoE PSE mode (requires
802.3bt on Eth0)
External Antennas
(AP63E)
Six N-type female connectors (four dual-band for client radios; two
dual-band for the third radio)
Reset
Reset to the factory default settings
Indicators
One multicolor status LED
Compliance
Standards
CSA/UL 62368-1
FCC Part 15.247, 15.407,
15.107, and 15.109 RSS247 ICES003 (Canada)
Mounting Brackets
APOUTBR-KIT
Contains Flush Mount and Articulating Mount Brackets
2
The AP package includes one Universal Bracket. APBR-U is available separately as an accessory.
Ordering Information
United States Only
AP63-US (Internal Antenna)
AP63E-US (External Antenna)
Outside of United States
AP63-WW (Internal Antenna)
AP63E-WW (External Antenna)
Juniper products are manufactured in accordance with electrical and environmental regulations specific to certain
regions and countries. Customers are responsible for ensuring that any regional or country-specific SKUs are only used
in the specified authorized area. Failure to do so may void the warranty of the Juniper products.
AP63 Access Point Datasheet
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com