Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201113 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0201113
Description  FBI 2-20-EX - Fixed bridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0201113 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0201113 Datasheet HTML 1Page - PHOENIX CONTACT 0201113 Datasheet HTML 2Page - PHOENIX CONTACT 0201113 Datasheet HTML 3Page - PHOENIX CONTACT 0201113 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Fixed bridge, number of positions: 2, color: silver-colored
Commercial data
Item number
0201113
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BE19
Product key
BE1Z2X
GTIN
4017918153489
Weight per piece (including packing)
29.72 g
Weight per piece (excluding packing)
29.054 g
Customs tariff number
85369095
Country of origin
CN
FBI 2-20-EX - Fixed bridge
0201113
https://www.phoenixcontact.com/us/products/0201113
Oct 13, 2025, 12:17AM
Page 1 (4)


Similar Part No. - 0201113

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
622Mbps Transimpedance Amplifier with AGC
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
logo
HARTING Technology Grou...
02011200204 HARTING-02011200204 Datasheet
1Mb / 1P
DIN Signal har-bus 64 male connector
2015-05-08 REV.A
logo
PHOENIX CONTACT
0201139 PHOENIX-0201139 Datasheet
47Kb / 2P
Insertion bridge - EB 10- 6 - 0201139
0201142 PHOENIX-0201142 Datasheet
47Kb / 2P
Insertion bridge - EB 3- 6 - 0201142
More results

Similar Description - 0201113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0200020 PHOENIX-0200020 Datasheet
46Kb / 2P
Fixed bridge - FBI 2-8 - 0200020
0201333 PHOENIX-0201333 Datasheet
46Kb / 2P
Fixed bridge - FBI 2-15 - 0201333
0201346 PHOENIX-0201346 Datasheet
46Kb / 2P
Fixed bridge - FBI 2-20 - 0201346
0201867 PHOENIX-0201867 Datasheet
45Kb / 2P
Fixed bridge - FBI 20-6 - 0201867
0203438 PHOENIX-0203438 Datasheet
45Kb / 2P
Fixed bridge - FBI 2- 6 - 0203438
0203483 PHOENIX-0203483 Datasheet
45Kb / 2P
Fixed bridge - FBI 2-10 - 0203483
0201278 PHOENIX-0201278 Datasheet
49Kb / 2P
Fixed bridge - FBI 3-15
0201317 PHOENIX-0201317 Datasheet
46Kb / 2P
Fixed bridge - FBI 3-20
12/09/2015
0711690 PHOENIX-0711690 Datasheet
43Kb / 2P
Fixed bridge - FBI 10-10-EX
0711700 PHOENIX-0711700 Datasheet
42Kb / 2P
Fixed bridge - FBI 10- 8-EX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com