Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5705 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA5705
Description  ADVANCED 4-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5705 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA5705 Datasheet HTML 2Page - STMicroelectronics TEA5705 Datasheet HTML 3Page - STMicroelectronics TEA5705 Datasheet HTML 4Page - STMicroelectronics TEA5705 Datasheet HTML 5Page - STMicroelectronics TEA5705 Datasheet HTML 6Page - STMicroelectronics TEA5705 Datasheet HTML 7Page - STMicroelectronics TEA5705 Datasheet HTML 8Page - STMicroelectronics TEA5705 Datasheet HTML 9Page - STMicroelectronics TEA5705 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (Tamb =25
oC unless otherwise specified) (continued)
Switching Levels
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSWHH
Head Selection Pin SW-H
Head number 1 in SP mode, 2 in LP
mode
2.4
VCC
V
VSWHL
Head number 2 in SP mode, 1 in LP
mode
0
1.5
V
ISWHH
Input current (5V)
5
15
50
µA
ISWHL
Output current (0V)
-50
-20
0
µA
VSWMH
Mode Selection Pin SW-M
(Record mode and play-back mode)
LP Mode
2.4
5
V
VSWML
SP mode
0
1.5
V
ISWMH
Input current (5V)
5
15
50
µA
ISWML
Output current (0V)
-50
-20
0
µA
tON
tOFF
Selection Pin SW-H or SW-M
Transient Response
Output signal appears on Pin CHROMA
Delay time selection ON
Delay time selection OFF
100
100
500
500
ns
VTH1
Inhibition Threshold Hysteresis for
Switching from Play-back to record
on Pin VREC
VCC = 5V
0.15
0.3
0.5
V
VTH2
Inhibition Threshold Hysteresis for
Switching from Record to Play-back
on Pin VREC
VCC =5V
80
mV
t1
Transient Response of Record
Scanning on Pin VREC
Delay from play-back to record
(signal disappears on Pin CHROMA)
10
µs
t2
Delay from record to play-back
(signal appears on Pin CHROMA)
32*
ms
t3
Delay from play-back to record (signal
appears on Pin IOUT-SP, IOUT-LP)
0.2
ms
t4
Delay from record to play-back (signal
disappears on Pin IOUT-SP, IOUT-LP)
11*
ms
* Depending on capacitance on Pin VREC ; above values are according to the application diagram at page 9.
INPUT/OUTPUTS EQUIVALENT INTERNAL DIAGRAM
V
CC
400
Ω
7.5k
Ω
Pins : C1-SP, C2-SP, C1-LP, C2-LP
47k
Ω
CC
V
10k
Ω
10k
Ω
15k
Ω
1k
Ω
Pins : SW-H, SW-M
TEA5705
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com