Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0534 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR0534
Description  Voice Module SKU: DFR0534
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0534 Datasheet(HTML) 7 Page - DFROBOT

Back Button DFR0534 Datasheet HTML 3Page - DFROBOT DFR0534 Datasheet HTML 4Page - DFROBOT DFR0534 Datasheet HTML 5Page - DFROBOT DFR0534 Datasheet HTML 6Page - DFROBOT DFR0534 Datasheet HTML 7Page - DFROBOT DFR0534 Datasheet HTML 8Page - DFROBOT DFR0534 Datasheet HTML 9Page - DFROBOT DFR0534 Datasheet HTML 10Page - DFROBOT DFR0534 Datasheet HTML 11Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EQ Setting (1A)
Command: AA 1A 01 EQ SM
Return: None
E.g. AA 1A 01 02 C7 Set EQ to ROCK
Combination Play(1B)
Command: AA 1B Upper-byte of the audio 1, Lower-byte of the audio 1...Upper-byte of the audio n,
Lower byte of the audio n.
Return: None
E.g. AA1B04303130328C, audios with file names of 01 and 02 are grouped together to play
Explanation: The combination of file names is very convenient, more accurate than combined file
numbers, and is not restricted by the copy order limitation.
End Combination Play(1C)
Command: AA 1C 00 C6
Return: None
Explanation: End combination playback, and return the play state before the combination.
Set channels(1D)
Command: AA 1D 01 channels SM
Return: None
Check the short-file name(1E)
Command: AA 1E 00 C8
Return: AA 1E The length of short-file name Short-file name SM
Select audio but do not play(1F)
Command: AA 1F 02 Upper-byte Lower-byte SM
Return: None
Control of Repetition(20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com