Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0546 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0546
Description  LattePanda Alpha 864s – Tiny Ultimate Windows / Linux Device (Pre-order)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0546 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR0546 Datasheet HTML 2Page - DFROBOT DFR0546 Datasheet HTML 3Page - DFROBOT DFR0546 Datasheet HTML 4Page - DFROBOT DFR0546 Datasheet HTML 5Page - DFROBOT DFR0546 Datasheet HTML 6Page - DFROBOT DFR0546 Datasheet HTML 7Page - DFROBOT DFR0546 Datasheet HTML 8Page - DFROBOT DFR0546 Datasheet HTML 9Page - DFROBOT DFR0546 Datasheet HTML 10Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
 
 
Lattepanda Alpha Review by ExplainingComputers LattePanda Alpha: Windows & Linux
SBC
Play PUBG with this Powerful Single Board Computer LattePanda Alpha
The LattePanda Alpha First Look and PC Gaming Test
LattePanda Alpha External GPU Nvidia GT1030 - eGPU Test
Lattepanda Alpha Emulation Test - GameCube PS2 PSP Dreamcast Naomi
1050ti LattePanda Alpha eGpu Test + Latte Panda Alpha Giveaway!
LattePanda Alpha Hackintosh macOS 10.14 Mojave - Smallest Hackintosh
RetroPie On The LattePanda Alpha - PS2 Gamecube Dreamcast PSP Test
LattePanda Alpha Review by Novaspirit Tech
Guide: LattePanda Alpha Hackintosh Intel M3-7Y30
LattePanda Alpha: Shenanigans with a powerful Single Board Computer
LattePanda Alpha 864s Review - How to Setup & Performance Test (PUBG Gameplay
included)
FEATURES
 Solid Spec and Extreme Design
 Dual OS Support – Windows / Linux Both
 Ultimate Networking on Cloud and Things
 Up to 42 Extendable Interfaces bring Rich Playabilities
 Ultra-Thin Design, Minimizing Space Occupation
 Rebuild How to Code Efficiently with Multiple OS
SPECIFICATION
 CPU:Intel 8th m3-8100y
 Core:1.1-3.4GHz Dual-Core,Four-Thread
 Benchmark (PassMark): Up to 4128, double computing power compared with same price
range products in the market
 Graphics:Intel HD Graphics 615, 300-900MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com