Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0548 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0548
Description  Micro:bit Driver Expansion Board SKU:DFR0548
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0548 Datasheet(HTML) 4 Page - DFROBOT

  DFR0548 Datasheet HTML 1Page - DFROBOT DFR0548 Datasheet HTML 2Page - DFROBOT DFR0548 Datasheet HTML 3Page - DFROBOT DFR0548 Datasheet HTML 4Page - DFROBOT DFR0548 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Drive Servo
Drive Servo
Result: When the A is pressed, set the angle of servo to 180°, when the B is pressed, set the angle
of servo to 0°.
Drive Stepper Motor
Drive Drive Stepper Motor1
Result: When turned on, the stepper motor rotates clockwise 180°, then rotate counterclockwise
180°, in endless loop.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com