Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0553 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0553
Description  Gravity: I2C ADS1115 16-Bit ADC Module(Arduino & Raspberry Pi Compatible) SKU: DFR0553
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0553 Datasheet(HTML) 1 Page - DFROBOT

  DFR0553 Datasheet HTML 1Page - DFROBOT DFR0553 Datasheet HTML 2Page - DFROBOT DFR0553 Datasheet HTML 3Page - DFROBOT DFR0553 Datasheet HTML 4Page - DFROBOT DFR0553 Datasheet HTML 5Page - DFROBOT DFR0553 Datasheet HTML 6Page - DFROBOT DFR0553 Datasheet HTML 7Page - DFROBOT DFR0553 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
   
 
 
Gravity: I2C ADS1115 16-Bit ADC
Module(Arduino & Raspberry Pi
Compatible) SKU: DFR0553
 
 
 
DFRobot I2C ADS1115 16-bit ADC module can accurately collect and convert analog signals.
Through this ADC module, Raspberry Pi can easily use a wide range of Gravity series analog
sensors to measure various signals, and perceive this world.
Raspberry Pi is a common master control board which is powerful in its functions, but the I/O pins of
Raspberry Pi can read digital signals only, what's more, only through an external analog-to-digital
conversion (ADC) module can it read signals of analog sensor or device, it is not convenient to use.
DFRobot I2C ADS1115 16-bit ADC module is specially designed for Raspberry Pi and Gravity series
analog sensors, which greatly reduces the difficulty of using the Gravity series analog sensors, plug
and play, no welding, very convenient. The number of Gravity series sensors is large and its wide
variety can meet the needs of various sensors of the Raspberry Pi.


Similar Part No. - DFR0553

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0552 DFROBOT-DFR0552 Datasheet
1Mb / 23P
Gravity: 12-Bit I2C DAC Module SKU: DFR0552
6-5-18
DFR0554 DFROBOT-DFR0554 Datasheet
625Kb / 5P
Gravity: I2C 16x2 Arduino LCD with RGB Font Display SKU: DFR0554
7-16-18
DFR0558 DFROBOT-DFR0558 Datasheet
481Kb / 8P
Gravity: Digital High Temperature Sensor (K-type) SKU:DFR0558
8-7-18
DFR0559 DFROBOT-DFR0559 Datasheet
740Kb / 12P
Sunflower: Solar Power Manager 5V SKU: DFR0559
6-5-18
More results

Similar Description - DFR0553

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-24-PTU-PI ETC2-ULCD-24-PTU-PI Datasheet
484Kb / 9P
Raspberry Pi Display Module Pack Featuring a 2.4
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-32PTU-PI ETC2-ULCD-32PTU-PI Datasheet
479Kb / 9P
Raspberry Pi Display Module Pack Featuring a 3.2Display Module
ULCD-43PT-PI ETC2-ULCD-43PT-PI Datasheet
481Kb / 9P
Raspberry Pi Display Module Pack Featuring 4.3" Display Module
ULCD-32-PTU-PI ETC2-ULCD-32-PTU-PI Datasheet
440Kb / 10P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
logo
STMicroelectronics
STM32-EMBPI STMICROELECTRONICS-STM32-EMBPI Datasheet
195Kb / 3P
Embedded Pi, triple-play platform for STM32, Raspberry Pi and Arduino?
October 2013 Rev 1
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
ED-CM4IO-1232-C ETC-ED-CM4IO-1232-C Datasheet
3Mb / 4P
A Computer Based on Raspberry Pi Compute Module 4
2022-10-24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com