Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0559 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0559
Description  Sunflower: Solar Power Manager 5V SKU: DFR0559
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0559 Datasheet(HTML) 3 Page - DFROBOT

  DFR0559 Datasheet HTML 1Page - DFROBOT DFR0559 Datasheet HTML 2Page - DFROBOT DFR0559 Datasheet HTML 3Page - DFROBOT DFR0559 Datasheet HTML 4Page - DFROBOT DFR0559 Datasheet HTML 5Page - DFROBOT DFR0559 Datasheet HTML 6Page - DFROBOT DFR0559 Datasheet HTML 7Page - DFROBOT DFR0559 Datasheet HTML 8Page - DFROBOT DFR0559 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
features as MPPT (Maximum Power Point Tracking) function, maximizing the efficiency of the solar
panel. Apart from serving as a solar charger, the module can provide up to 900mA charging current
to 3.7V Li battery with USB charger. The ON/OFF controllable DC-DC converters with 5V 1A output
satisfies the needs of various solar power projects and low-power applications. The module also
employs various protection functions, such as battery/solar panel reverse connection protection,
output over temperature and over current/short circuit protection, which greatly improves the stability
and safety of the system.
Features
Constant Voltage MPPT Algorithm, Maximizing Solar Panel Efficiency
Designed for 5V Solar Panel
Double Charging Mode: Solar/USB Charger (900mA Max Charge Current)
5V ON/OFF Controllable Regulated Power Supply for Low-Power Applications
Various Protection Functions
USB Connector with ESD Shell
Specifications
Solar Power Management IC: CN3065
Solar Input Voltage (SOLAR IN): 4.5V~6V
Battery Input (BAT IN): 3.7V Li-Polymer/Li-ion Battery
Charge Current (USB/SOLAR IN): 900mA Max Trickle Charging, Constant Current, Constant
Voltage Three Phases Charging
Charge Cutoff Voltage (USB/SOLAR IN): 4.2V±1%
USB IN Voltage: 5V
Regulated Power Supply: 5V 1A
Regulated Power Supply Efficiency (3.7V Battery IN)
5V/USB OUT: 89%@10%Load, 86%@50%Load, 83%@90%Load
USB/Solar Charge Efficiency: 73%@3.7V 900mA BAT IN
Maximum Quiescent Current: <1 mA
Protection Functions
BAT IN: Over Charge/Reverse Connection Protection
5V/USB OUT: Short Circuit/Over Current/Over Heat Protection
SOLAR IN: Reverse Connection Protection
Operation Temperature: -40 ~85
Dimension: 33.0mm*63.0mm/1.3 * 2.48 inches
Applications
Smart Solar Powered Environment Monitor System
Solar Powered Robots
Small Solar Street Lamp
Solar Power Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com