Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0600 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0600
Description  PYNQ-Z2 Development Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0600 Datasheet(HTML) 2 Page - DFROBOT

  DFR0600 Datasheet HTML 1Page - DFROBOT DFR0600 Datasheet HTML 2Page - DFROBOT DFR0600 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
through APIs in basically the same way that the software libraries are imported and
programmed. PYNQ-Z2 board integrates Ethernet, HDMI Input/Output, MIC Input, Audio
Output, Arduino interface, Raspberry Pi interface, 2 Pmod, user LED, push-button and switch. It
is designed to be easily extensible with Pmod, Arduino, and peripherals, as well as general
purpose GPIO pins.
What is PYNQ? PYNQ (Python On Zynq) is an open-source project from Xilinx® that
makes it easy to design embedded systems with Xilinx Zynq® Systems on Chips
(SoCs). Using the Python language and libraries, designers can exploit the benefits of
programmable logic and microprocessors in Zynq to build more capable and exciting
embedded systems. PYNQ users can now create high performance embedded
applications with: parallel hardware execution, high frame-rate video processing,
hardware accelerated algorithms, real-time signal processing, high bandwidth IO, low
latency control. PYNQ utilizes the best advantages of ZYNQ and Python. It has been
widely used for machine learning research and prototyping. Use this board with our DF
Arduino or Raspberry Pi expansion shield, ultimate possibilities waiting for you!
SPECIFICATION
Outline Dimension: 87mm*140mm/3.43”*5.51"
ZYNQ XC7Z020-1CLG400C Board:
o
650MHz dual-core Cortex-A9 processor
o
DDR3 memory controller with 8 DMA channels and 4 High-Performance AXI3
Slave ports
o
High-bandwidth peripheral controllers: 1G Ethernet, USB 2.0, SDIO
o
Low-bandwidth peripheral controller: SPI, UART, CAN, I2C
o
Programmable from JTAG, Quad-SPI flash, and MicroSD card
o
Programmable logic equivalent to Artix-7 FPGA
o
13,300 logic slices, each with four 6-input LUTs and 8 flip-flops
o
630 KB of fast block RAM
o
4 clock management tiles, each with a phase locked loop (PLL) and mixed-mode
clock manager (MMCM)
o
220 DSP slices
o
On-chip analog-to-digital converter (XADC)
Memory:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com