Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0668 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0668
Description  SKU:DFR0668
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0668 Datasheet(HTML) 2 Page - DFROBOT

  DFR0668 Datasheet HTML 1Page - DFROBOT DFR0668 Datasheet HTML 2Page - DFROBOT DFR0668 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Battery Capacity
Recommended Current
100-400mAh
50mA
400-1000mAh
200mA
1000mAh above
500mA
Features
•
Multiple current output modes (50/200/500mA)
•
Small size
•
External indicator available
•
Safe and quick charging
Specification
•
Input Voltage: 5V
•
Charging Current: 50mA, 200mA, 500mA
•
Limited Charging Voltage: 4.2V±1%
•
Working Environment: -40℃~85℃
•
Product size: 16.5 x 28mm/0.65x1.10"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com