Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC31RF80IRMP Datasheet(PDF) 44 Page - Texas Instruments

Part # ADC31RF80IRMP
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 40Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 41Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 42Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 43Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 44Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 45Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 46Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 47Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 142 page
background image
Frequency
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
D043
Pass Band
Attn Spec
Transition Band
Alias Band
Frequency
0
0.005
0.01
0.015
0.02
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
D044
Pass Band
Transition Band
Frequency
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
D041
Pass Band
Attn Spec
Transition Band
Alias Band
Frequency
0
0.005
0.01
0.015
0.02
0.025
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
D042
Pass Band
Transition Band
44
ADC31RF80
SBAS860 – AUGUST 2017
www.ti.com
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.4.3.10
Divide-by-24
Peak-to-peak pass-band ripple: approximately 0.30 dB
Figure 116. Divide-by-24 Filter Response
Figure 117. Divide-by-24 Filter Response (Zoomed)
8.3.4.3.11
Divide-by-32
Peak-to-peak pass-band ripple: approximately 0.24 dB
Figure 118. Divide-by-32 Filter Response
Figure 119. Divide-by-32 Filter Response (Zoomed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com