Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1601IPFBT.B Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS1601IPFBT.B
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBT.B Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS1601IPFBT.B Datasheet HTML 11Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 12Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 13Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 14Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 15Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 16Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 17Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 18Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
AINP+AINN
2
V
=
CM
SD
Modulator
Digital
Filter
Serial
Interface
S
V
IN
VREFN
IOVDD
VREFP
V
REF
S
AINP
AINN
FSO
FSO
DOUT
DOUT
SCLK
SCLK
CLK
1.06
ADS1601
www.ti.com
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
OVERVIEW
The ADS1601 is a high-performance delta-sigma
The ADS1601 supports a very wide range of input
ADC. The modulator uses an inherently stable 2-1-1
signals. For VREF = 3V, the full-scale input voltage is
multi-stage
architecture
incorporating
proprietary
±2.82V. Having such a wide input range makes
circuitry
that
allows
for
very
linear
high-speed
out-of-range
signals
unlikely.
However,
if
an
operation. The modulator samples the input signal at
out-of-range signal occurs, the digital output OTR
20MSPS (when fCLK = 20MHz). A low-ripple linear
goes high.
phase digital filter decimates the modulator output by
The analog inputs must be driven with a differential
16 to provide high resolution 16-bit output data.
signal to achieve optimum performance. For the input
Conceptually, the modulator and digital filter measure
signal:
the differential input signal, VIN = (AINP – AINN),
against
the
scaled
differential
reference,
VREF = (VREFP – VREFN), as shown in Figure 35.
The voltage reference can either be generated
the recommended common-mode voltage is 2.7V. In
internally or supplied externally. A three-wire serial
addition to the differential and common-mode input
interface, designed for direct connection to DSPs,
voltages, the absolute input voltage is also important.
outputs the data. A separate power supply for the I/O
This is the voltage on either input (AINP or AINN)
allows flexibility for interfacing to different logic
with respect to AGND. The range for this voltage is:
families. Out-of-range conditions are indicated with a
–0.1V < (AINN or AINP) < 4.6V
dedicated digital output pin. Analog power dissipation
is controlled using an external resistor. This control
If either input is taken below
–0.1V, ESD protection
allows reduced dissipation when operating at slower
diodes on the inputs will turn on. Exceeding 4.6V on
speeds. When not in use, power consumption can be
either input results in degradation in the linearity
dramatically reduced by setting the PD pin low to
performance. ESD protection diodes will also turn on
enter Power-Down mode.
if the inputs are taken above AVDD (+5V).
The recommended absolute input voltage is:
ANALOG INPUTS (AINP, AINN)
–0.1V < (AINN or AINP) < 4.2V
The
ADS1601
measures
the
differential
signal,
VIN = (AINP – AINN), against the differential
Keeping the inputs within this range provides for
reference, VREF = (VREFP – VREFN). The most
optimum performance.
positive measurable differential input is 0.94VREF,
which produces the most positive digital output code
of 7FFFh. Likewise, the most negative measurable
differential input is
–0.94VREF, which produces the
most negative digital output code of 8000h.
Figure 35. Conceptual Block Diagram
Copyright
© 2004–2011, Texas Instruments Incorporated
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com