Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5240IPAP Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5240IPAP
Description  4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5240IPAP Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5240IPAP Datasheet HTML 10Page - Texas Instruments ADS5240IPAP Datasheet HTML 11Page - Texas Instruments ADS5240IPAP Datasheet HTML 12Page - Texas Instruments ADS5240IPAP Datasheet HTML 13Page - Texas Instruments ADS5240IPAP Datasheet HTML 14Page - Texas Instruments ADS5240IPAP Datasheet HTML 15Page - Texas Instruments ADS5240IPAP Datasheet HTML 16Page - Texas Instruments ADS5240IPAP Datasheet HTML 17Page - Texas Instruments ADS5240IPAP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TYPICAL CHARACTERISTICS
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
12
16
4
8
20
f
IN = 1MHz (− 1dBFS)
SNR = 70.9dBFS
SINAD = 70.8dBFS
SFDR = 87.1dBFS
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
12
16
4
8
20
f
IN = 5MHz (−1dBFS)
SNR = 70.5dBFS
SINAD = 70.3dBFS
SFDR = 84.9dBFS
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
12
16
4
8
20
f
IN = 10MHz (−1dBFS)
SNR = 70.3dBFS
SINAD = 70.2dBFS
SFDR = 85.4dBFS
Input Frequency (MHz)
0
−20
−40
−60
−80
−100
−120
0
12
16
4
8
20
f
1 = 9.5MHz (− 7dBFS)
f
1 = 10.2MHz (− 7dBFS)
IMD =
−88.2dBc
Code
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
1536
2048
2560
3072
3584
512
1024
4096
f
IN = 5MHz
Code
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
0
1536
2048
2560
3072
3584
512
1024
4096
f
IN = 5MHz
ADS5240
SBAS326E – JUNE 2004 – REVISED JANUARY 2009 ...................................................................................................................................................... www.ti.com
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
Figure 1.
Figure 2.
SPECTRAL PERFORMANCE
TWO-TONE INTERMODULATION
Figure 3.
Figure 4.
DIFFERENTIAL NONLINEARITY ERROR
INTEGRAL NONLINEARITY ERROR
Figure 5.
Figure 6.
14
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com