Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5803 Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE5803
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 17Page - Texas Instruments AFE5803 Datasheet HTML 18Page - Texas Instruments AFE5803 Datasheet HTML 19Page - Texas Instruments AFE5803 Datasheet HTML 20Page - Texas Instruments AFE5803 Datasheet HTML 21Page - Texas Instruments AFE5803 Datasheet HTML 22Page - Texas Instruments AFE5803 Datasheet HTML 23Page - Texas Instruments AFE5803 Datasheet HTML 24Page - Texas Instruments AFE5803 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Frame Clock
FCLK
Freq = fCLKIN/2
Input Clock
CLKIN
Freq = fCLKIN
D13
(D0)
Data bit in MSB First mode
Data bit in LSB First mode
Bit Clock
DCLK
Freq = 3.5 x fCLKIN
Output Data
CHnOUT B
Data rate = 7 x fCLKIN
Input Signal
ta
Sample N
D13
(D0)
D12
(D1)
D11
(D2)
D10
(D3)
D9
(D4)
D8
(D5)
SAMPLE N-td
Output Data
CHnOUT A
Data rate = 7 x fCLKIN
D6
(D7)
D5
(D8)
D4
(D9)
D3
(D10)
D2
(D11)
D1
(D12)
D7
(D6)
D0
(D13)
D8
(D5)
D1
(D12)
D7
(D6)
D0
(D13)
D13
(D0)
D12
(D1)
D11
(D2)
D10
(D3)
D9
(D4)
D8
(D5)
D6
(D7)
D5
(D8)
D4
(D9)
D3
(D10)
D2
(D11)
D1
(D12)
D7
(D6)
D0
(D13)
Sample N-1
21
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Figure 6. Enlarged 2-Wire LVDS Timing Diagram (14 bit)
Figure 7. Definition of Setup and Hold Times tSU = min(tSU1, tSU2); tH = min(tH1, tH2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com