Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463IPFPG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5463IPFPG4
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5463IPFPG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5463IPFPG4 Datasheet HTML 1Page - Texas Instruments ADS5463IPFPG4 Datasheet HTML 2Page - Texas Instruments ADS5463IPFPG4 Datasheet HTML 3Page - Texas Instruments ADS5463IPFPG4 Datasheet HTML 4Page - Texas Instruments ADS5463IPFPG4 Datasheet HTML 5Page - Texas Instruments ADS5463IPFPG4 Datasheet HTML 6Page - Texas Instruments ADS5463IPFPG4 Datasheet HTML 7Page - Texas Instruments ADS5463IPFPG4 Datasheet HTML 8Page - Texas Instruments ADS5463IPFPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
ELECTRICAL CHARACTERISTICS
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
ADS5463 sampling rate = 500 MSPS, ADS54RF63 sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3
= 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input, and 3-VPP differential clock, unless otherwise noted
ADS54RF63
ADS5463
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
12
12
Bits
ANALOG INPUTS
Differential input
2.2
2.2
VPP
Common-mode
VCM
Self-biased
2.4
2.4
V
voltage
Input resistance
To VCM
500
500
Ω
To ground (un-soldered
Input capacitance
2.3
2.3
pF
package)
Input bandwidth
(–3 dB)
2.3
2.3
GHz
Common-mode
CMRR
Common mode signal = 10 MHz
90
90
dB
rejection ratio
CLOCK INPUTS
Input resistance
To internal common-mode
1000
1000
Ω
To ground (un-soldered
Input capacitance
1.5
1.5
pF
package)
Common mode
Internally generated
2.4
2.4
V
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
2.4
2.4
V
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com