Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5632012T00RSDBYYE Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # 5632012T00RSDBYYE
Description  SINGLE SLOT 6U VPX BOARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

5632012T00RSDBYYE Datasheet(HTML) 2 Page - Elma Electronic Ltd

  5632012T00RSDBYYE Datasheet HTML 1Page - Elma Electronic Ltd 5632012T00RSDBYYE Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
www.elma.com
2/2
Ordering Number
563
_
_
_
_
_
_
_
_
_
_
_
_
_
_
-
_
_
_
5632.3 6U VPXQuadDrive.- Rev1 - 12.3.19
SINGLE SLOT 6U VPX BOARD
5632/3 6Gbps QUAD DRIVE CARRIER
BLOCK DIAGRAM
ENVIRONMENTALS
General
The 5632/3 are 5HP single slot 6U VPX storage modules supporting quad
SATA III 6Gbps drives.
Input/Output
The 5632/3 can be directly attached to a host single board computer or it
can be used as part of an extensible multi-slot storage array when connected
to a RAID controller host SATA ports via J3 and a rear transition module
(model 6050-RTM).the host SATA ports via P4 and a rear transition module.
Compatibility
The 5632/3 are directly compatible with 6U VPX systems including single board
computers with 1 to 4 external SATA ports, system backplanes and chassis.
Power Requirements
Input Power
• Typical Power +5V @ .45A
• Media power not included
• Media +5V
Standard Operating Temp:
0°C to 55°C
Extended Operating Temp:
-45°C to +75°C
Non-operating:
-45°C to +85°C
Operating Shock (SSD only):
20G 11ms
Operating Vibration (SSD only):
5G 10 to 2000 Hz
Humidity:
5 to 95%, non-condensing
All configurations of the 5632/3 family are RoHS compliant.
17
Temperature Requirements
S = 0°C to +55°C
E = -40°C to +75°C convection cooled
or conduction cooled (with extended solid
state drives)
O = Other
Conformal Coating
Y/N
16
Air or conduction cooled
RSD= standard duty rotating
RED= enhanced duty rotating
RXD= extended duty rotating
SSS= commercial solid state SLC
SSM= commercial solid state MLC
STS=extended temp solid state SLC
STM=extended temp solid state MLC
11, 12, 13
Drive RPM
54
72
00 (solid state drive)
9, 10
5, 6, 7, 8) 2.5” Drive capacity,
all drives same capacity
xxG
xxxT
Example
500G = 500GB drive
012T = 1.2TB drive
5, 6, 7, 8
ORDERING INFORMATION
Air or conduction cooled
2 = air cooled (faceplate)
3 = conduction cooled (no faceplate)
4
*Consult Elma for the complete range of available drive capacities.
**Standard configuration includes 5HP with REDI covers and offset faceplate
Standard configuration includes four drives.
The model description on all quotes must include any other specific drive
attributes necessary to fulfilling the application requirement.
Signal ground isolation (Some ap-
plications may require signal
ground isolation)
Y/N
15
REDI Side Covers
standard configuration includes primary
and secondary covers**
B = primary and secondary side covers
for conduction or convection cooled ver-
sions, 5HP configuration is standard
14
4
5
6
7
8
9
10
11
12
13
14
15
16
17
-
18
19
20
(18-20 Project Spec)
© Copyright 2019 by Elma Electronic, Inc. Subject to technical modifications, all data supplied without liability.
Please contact our sales team for more details.
China: +86 21 5866 5908
France: +33 388 56 72 50
Germany: +49 7231 97 34 0
Israel: +972 3 930 50 25
Singapore: +65 6479 8552
Switzerland: +41 44 933 41 11
United Kingdom: +44 1234 838 822
United States: +1 510 656 3400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com