Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5294IPFPR.A Datasheet(PDF) 52 Page - Texas Instruments

Part # ADS5294IPFPR.A
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR.A Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADS5294IPFPR.A Datasheet HTML 48Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 49Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 50Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 51Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 52Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 53Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 54Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 55Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
52
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
In the default mode of operation, the LVDS outputs <8..1> contain the data of the ADC Channels <8..1>. By
setting the EN_CHANNEL_AVG bit to ‘1’, the outputs from multiple channels can be averaged. The resulting
outputs from the Channel averaging block (which is bypassed in the default mode) are referred to as Bins. The
contents of the Bins <8..1> come out on the LVDS outputs <8..1>. The contents of each of the eight Bins are
determined by the register bits marked AVG_CTRLn<1:0> where n stands for the Bin number. The different
settings are shown in the following table:
Table 15. Channel Averaging
AVG_CTRL1<1>
AVG_CTRL1<0>
Contents of Bin 1
0
0
Zero
0
1
ADC Channel 1
1
0
Average of ADC Channel 1, 2
1
1
Average of ADC Channel 1, 2, 3, 4
AVG_CTRL2<1>
AVG_CTRL2<0>
Contents of Bin 2
0
0
Zero
0
1
ADC Channel 2
1
0
ADC Channel 3
1
1
Average of ADC Channel 3, 4
AVG_CTRL3<1>
AVG_CTRL3<0>
Contents of Bin 3
0
0
Zero
0
1
ADC Channel 3
1
0
ADC Channel 2
1
1
Average of ADC Channel 1, 2
AVG_CTRL4<1>
AVG_CTRL4<0>
Contents of Bin 4
0
0
Zero
0
1
ADC Channel 4
1
0
Average of ADC Channel 3, 4
1
1
Average of ADC Channel 1, 2, 3, 4
AVG_CTRL5<1>
AVG_CTRL5<0>
Contents of Bin 5
0
0
Zero
0
1
ADC Channel 5
1
0
Average of ADC Channel 5, 6
1
1
Average of ADC Channel 5, 6, 7, 8
AVG_CTRL6<1>
AVG_CTRL6<0>
Contents of Bin 6
0
0
Zero
0
1
ADC Channel 6
1
0
ADC Channel 7
1
1
Average of ADC Channel 7, 8
AVG_CTRL7<1>
AVG_CTRL7<0>
Contents of Bin 7
0
0
Zero
0
1
ADC Channel 7
1
0
ADC Channel 6
1
1
Average of ADC Channel 6, 5
AVG_CTRL8<1>
AVG_CTRL8<0>
Contents of Bin 8
0
0
Zero
0
1
ADC Channel 8
1
0
Average of ADC Channel 7, 8
1
1
Average of ADC Channel 5, 6, 7, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com