Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5294IPFPT Datasheet(PDF) 35 Page - Texas Instruments

Part # ADS5294IPFPT
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPT Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS5294IPFPT Datasheet HTML 31Page - Texas Instruments ADS5294IPFPT Datasheet HTML 32Page - Texas Instruments ADS5294IPFPT Datasheet HTML 33Page - Texas Instruments ADS5294IPFPT Datasheet HTML 34Page - Texas Instruments ADS5294IPFPT Datasheet HTML 35Page - Texas Instruments ADS5294IPFPT Datasheet HTML 36Page - Texas Instruments ADS5294IPFPT Datasheet HTML 37Page - Texas Instruments ADS5294IPFPT Datasheet HTML 38Page - Texas Instruments ADS5294IPFPT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
35
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
9.3.5.2 Custom Filter Coefficients
The filter coefficients are also programmed, or customized, by the user. For custom coefficients, set the register
bit <FILTER COEFF SELECT> and load the coefficients (h0 to h11) in registers 0x5A to 0xB9, using the serial
interface as:
Register content = real coefficient value × 211, 12-bit signed representation of real coefficient.
9.3.6 PLL Operation Versus LVDS Timing
The ADS5294 uses a PLL that automatically changes configuration to one of four states depending on the
sampling clock frequency. The clock frequency detection is automatic and each time the sampling frequency
crosses a threshold, the PLL changes configuration to a new state. The PLL remains in the new state for a range
of clock frequencies. To prevent unwanted toggling of PLL state around a threshold, the circuit has an built-in
hysteresis. The ADS5294 has three thresholds over the sampling clock frequency range from 10 MHz to 80 MHz
and can be in one of four states as shown by Figure 50.
Figure 50. PLL States Versus ADC Fs
Each threshold shifts by a small amount across temperature. On power up, depending on the clock frequency,
the PLL settles in one of four states. Later, as the system warms up, the PLL changes state once due to the shift
in the threshold across temperature.
9.3.6.1 Effect on Output Timings
The PLL state change has an effect on the output LVDS timings. In some settings, the set-up time decreases by
100 ps typically with a corresponding increase in the hold time.
In applications where a timing calibration occurs at the system level once after power-up, this subsequent
change of the PLL state is undesirable. The ADS5294 has register options to disable the automatic switch of the
PLL state based on frequency detected. To prevent this variation in output timing, disable the PLL from switching
states.
In addition to disabling the auto-switching, setting the PLL to the correct state is also required, depending on the
sample clock frequency used in the system. The following sequence of register writes must be followed exactly:
•
Step 1: Enable test-mode access by writing register data = 0x0010 in address 0x01 (for example: enable the
access to registers with address higher than 0xF0).
•
Step 2: Configure the PLL to the correct state depending on the clock frequency of operation and the
decimation factor, as per the following tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com