Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS830E/1K Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS830E/1K
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS830E/1K Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS830E/1K Datasheet HTML 2Page - Texas Instruments ADS830E/1K Datasheet HTML 3Page - Texas Instruments ADS830E/1K Datasheet HTML 4Page - Texas Instruments ADS830E/1K Datasheet HTML 5Page - Texas Instruments ADS830E/1K Datasheet HTML 6Page - Texas Instruments ADS830E/1K Datasheet HTML 7Page - Texas Instruments ADS830E/1K Datasheet HTML 8Page - Texas Instruments ADS830E/1K Datasheet HTML 9Page - Texas Instruments ADS830E/1K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADS830
6
SBAS086A
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, and external reference, unless otherwise noted.
Output Code
0.2
0.1
0
–0.1
–0.2
0
64
128
192
256
f
IN = 20MHz
DIFFERENTIAL LINEARITY ERROR
INTEGRAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
64
128
192
256
f
IN = 1MHz
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Frequency (MHz)
70
60
50
40
0.1
1
10
100
SFDR
SNR
POWER DISSIPATION vs TEMPERATURE
Temperature (
°C)
220
210
200
190
180
170
160
–50
–25
0
25
50
100
75
External Reference
VDRV = +5V
Internal Reference
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM (DC Input)
N–2N–1N
N+1
N+2
Output Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com