Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS8MTPW-G-KBBERE1 Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB85AS8MTPW-G-KBBERE1
Description  8M (1024 K x 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS8MTPW-G-KBBERE1 Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85AS8MTPW-G-KBBERE1 Datasheet HTML 1Page - RAMXEED LIMITED MB85AS8MTPW-G-KBBERE1 Datasheet HTML 2Page - RAMXEED LIMITED MB85AS8MTPW-G-KBBERE1 Datasheet HTML 3Page - RAMXEED LIMITED MB85AS8MTPW-G-KBBERE1 Datasheet HTML 4Page - RAMXEED LIMITED MB85AS8MTPW-G-KBBERE1 Datasheet HTML 5Page - RAMXEED LIMITED MB85AS8MTPW-G-KBBERE1 Datasheet HTML 6Page - RAMXEED LIMITED MB85AS8MTPW-G-KBBERE1 Datasheet HTML 7Page - RAMXEED LIMITED MB85AS8MTPW-G-KBBERE1 Datasheet HTML 8Page - RAMXEED LIMITED MB85AS8MTPW-G-KBBERE1 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MB85AS8MT
2
DS501-00060-2v2-E
PIN ASSIGNMENT
PIN FUNCTIONAL DESCRIPTIONS
Pin Name
Functional description
CS
Chip Select pin
This is an input pin to make chips select. When CS is “H” level, device is in deselect
(standby) status and SO becomes High-Z. Inputs from other pins are ignored for this
time. When CS is “L” level, device is in select (active) status. CS has to be “L” level before
inputting op-code.
SCK
Serial Clock pin
This is a clock input pin to input/output serial data. SI is loaded synchronously to a rising
edge, SO is output synchronously to a falling edge.
SI
Serial Data Input pin
This is an input pin of serial data. This inputs op-code, address, and writing data.
SO
Serial Data Output pin
This is an output pin of serial data. Reading data of ReRAM memory cell array and status
register data are output. This is High-Z during standby.
VDD
Supply Voltage pin
VSS
Ground pin
(BOTTOM VIEW)
11-pin WLP Type-A
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
SI/SO
SCK
CS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
SI
SO
SCK
CS
11-pin WLP Type-B
11-pin WLP Type-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com