Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R1002A Datasheet(PDF) 7 Page - RAMXEED LIMITED

Part # MB85R1002A
Description  1 M Bit (64 K x 16)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1002A Datasheet(HTML) 7 Page - RAMXEED LIMITED

Back Button MB85R1002A Datasheet HTML 3Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 4Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 5Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 6Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 7Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 8Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 9Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 10Page - RAMXEED LIMITED MB85R1002A Datasheet HTML 11Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
MB85R1002A
DS501-00004-6v1E
7
2. AC Characteristics
AC Test Conditions
Supply Voltage
: 3.0 V to 3.6 V
Operation Ambient Temperature : 40 oC to 85 oC
Input Voltage Amplitude
: 0.3 V to 2.7 V
Input Rising Time
: 5 ns
Input Falling Time
: 5 ns
Input Evaluation Level
: 2.0 V / 0.8 V
Output Evaluation Level
: 2.0 V / 0.8 V
Output Load Capacitance
: 50 pF
(1) Read Cycle
Parameter
Symbol
Value
Unit
Min
Max
Read Cycle time
tRC
150
ns
CE1 Active Time
tCA1
120
ns
CE2 Active Time
tCA2
120
ns
OE Active Time
tRP
120
ns
LB, UB Active Time
tBP
120
ns
Precharge Time
tPC
20
ns
Address Setup Time
tAS
0
ns
Address Hold Time
tAH
50
ns
OE Setup Time
tES
0
ns
LB, UB Setup Time
tBS
5
ns
Output Data Hold time
tOH
0
ns
Output Set Time
tLZ
30
ns
CE1 Access Time
tCE1
100
ns
CE2 Access Time
tCE2
100
ns
OE Access Time
tOE
100
ns
Output Floating Time
tOHZ
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com