Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64TAPNF-G-AMERE2 Datasheet(PDF) 26 Page - RAMXEED LIMITED

Part # MB85RC64TAPNF-G-AMERE2
Description  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TAPNF-G-AMERE2 Datasheet(HTML) 26 Page - RAMXEED LIMITED

Back Button MB85RC64TAPNF-G-AMERE2 Datasheet HTML 22Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 23Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 24Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 25Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 26Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 27Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 28Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 29Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 30Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
MB85RC64TA
26
DS501-00044-5v1-E
PACKING INFORMATION
(1)MB85RC64TAPNF-G-BDE1/MB85RC64TAPNF-G-BDERE1
MB85RC64TAPNF-G-AWE2/MB85RC64TAPNF-G-AWERE2
MB85RC64TAPNF-G-AME2/MB85RC64TAPNF-G-AMERE2
1. Tube(MB85RC64TA-G-BDE1/MB85RC64TAPNF-G-AWE2)
1.1 Tube Dimensions
• Tube/stopper shape (example)
Tube cross-sections and Maximum quantity
MB85RC64TAPNF-G-BDE1
Maximum quantity
ICs/tube
ICs/inner box ICs/outer box
85
4,250
17,000
tube length:500
(
Dimensions in mm)
MB85RC64TAPNF-G-AWE2
Maximum quantity
ICs/tube
ICs/inner box ICs/outer box
85
4,250
25,500
tube length:509
(
Dimensions in mm)
Stopper
Tube
No heat resistance.
Package should not be baked by using tube.
9.5
8.0
No heat resistance.
Package should not be baked by using tube.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com