Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH80 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH80
Description  Wide-band rail-to-rail operational amplifiers with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH80 Datasheet HTML 10Page - STMicroelectronics TSH80 Datasheet HTML 11Page - STMicroelectronics TSH80 Datasheet HTML 12Page - STMicroelectronics TSH80 Datasheet HTML 13Page - STMicroelectronics TSH80 Datasheet HTML 14Page - STMicroelectronics TSH80 Datasheet HTML 15Page - STMicroelectronics TSH80 Datasheet HTML 16Page - STMicroelectronics TSH80 Datasheet HTML 17Page - STMicroelectronics TSH80 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Electrical characteristics
TSH80, TSH82
14/27
DocID009413 Rev 10
Figure 16. Group delay (VCC = ±2.5 V)
Figure 14. Standby mode - Ton, Toff
(VCC = ±2.5 V)
Figure 15. Third order intermodulation
(VCC = ±2.5 V)
(1)
1. The IFR2026 synthesizer generates a two-tone signal (F1 = 180 kHz, F2 = 280 kHz), each tone having the same
amplitude. The HP3585 spectrum analyzer measures the intermodulation products as a function of the output voltage. The
generator and the spectrum analyzer are phase locked for better accuracy.
0
2 E-6
4E-6
6E-6
8 E-6
1E-5
ti me(s)
-3
-2
-1
0
1
2
3
Vout
Ton
Toff
Standby
Open loop
0
1
2
3
4
Vout peak(V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
7 40kHz
3 80kHz
640kHz
80kHz
80 kHz
740 kHz
380 kHz
640 kHz
Gain = +2, ZL = 150 Ω//27 pF, Tamb = 25
Gain = +2, ZL = 150 Ω //27 pF, Tamb = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com