Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH80IYLT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH80IYLT
Description  Wide-band rail-to-rail operational amplifiers with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Datasheet(HTML) 4 Page - STMicroelectronics

  TSH80IYLT Datasheet HTML 1Page - STMicroelectronics TSH80IYLT Datasheet HTML 2Page - STMicroelectronics TSH80IYLT Datasheet HTML 3Page - STMicroelectronics TSH80IYLT Datasheet HTML 4Page - STMicroelectronics TSH80IYLT Datasheet HTML 5Page - STMicroelectronics TSH80IYLT Datasheet HTML 6Page - STMicroelectronics TSH80IYLT Datasheet HTML 7Page - STMicroelectronics TSH80IYLT Datasheet HTML 8Page - STMicroelectronics TSH80IYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
List of figures
TSH80, TSH82
4/27
DocID009413 Rev 10
List of figures
Figure 1.
Pin connections for each package (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Closed loop gain and phase vs. frequency (gain = +2, VCC = ±2.5 V) . . . . . . . . . . . . . . . . 13
Figure 3.
Overshoot vs. output capacitance (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 4.
Closed loop gain and phase vs. frequency (gain = -10, VCC = ±2.5 V) . . . . . . . . . . . . . . . 13
Figure 5.
Closed loop gain and phase vs. frequency (gain = +11, VCC = ±2.5 V) . . . . . . . . . . . . . . . 13
Figure 6.
Large signal measurement – positive slew rate (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Large signal measurement – negative slew rate (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . 13
Figure 8.
Small signal measurement – rise time (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
Small signal measurement – fall time (VCC = ±2.5 V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
Channel separation (crosstalk) vs. frequency schematic (VCC = ±2.5 V) . . . . . . . . . . . . . . 14
Figure 11.
Channel separation (crosstalk) vs. frequency (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Equivalent input noise voltage (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
Maximum output swing (VCC = ±2.5 V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
Standby mode - Ton, Toff (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 15.
Third order intermodulation (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 16.
Group delay (VCC = ±2.5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 17.
Closed loop gain and phase vs. frequency (gain = +2, VCC = ±5 V) . . . . . . . . . . . . . . . . . 16
Figure 18.
Overshoot vs. output capacitance (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 19.
Closed loop gain and phase vs. frequency (gain = -10, VCC = ±5 V) . . . . . . . . . . . . . . . . . 16
Figure 20.
Closed loop gain and phase vs. frequency (gain = +11, VCC = ±5 V) . . . . . . . . . . . . . . . . 16
Figure 21.
Large signal measurement - positive slew rate (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 22.
Large signal measurement - negative slew rate (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . 16
Figure 23.
Small signal measurement - rise time (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 24.
Small signal measurement - fall time (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 25.
Channel separation (crosstalk) vs. frequency schematic (VCC = ±5 V) . . . . . . . . . . . . . . . 17
Figure 26.
Channel separation (crosstalk) vs. frequency (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 27.
Equivalent input noise voltage (VCC = ±5 V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 28.
Maximum output swing (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 29.
Standby mode - Ton, Toff (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 30.
Third order intermodulation (VCC = ±5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 31.
Group delay (VCC = ±5 V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 32.
CCIR330 video line . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 33.
Measurement on Rohde and Schwarz VSA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 34.
Asymmetrical supply schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 35.
Use of the TSH8x in a gain = -1 configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 36.
SOT23-5 package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 37.
SO8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com