Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV911RILT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSV911RILT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911RILT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSV911RILT Datasheet HTML 19Page - STMicroelectronics TSV911RILT Datasheet HTML 20Page - STMicroelectronics TSV911RILT Datasheet HTML 21Page - STMicroelectronics TSV911RILT Datasheet HTML 22Page - STMicroelectronics TSV911RILT Datasheet HTML 23Page - STMicroelectronics TSV911RILT Datasheet HTML 24Page - STMicroelectronics TSV911RILT Datasheet HTML 25Page - STMicroelectronics TSV911RILT Datasheet HTML 26Page - STMicroelectronics TSV911RILT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Table 11. SO-14 package mechanical data
Dim.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
A1
0.10
0.225
0.004
0.009
A2
1.30
1.40
1.50
0.051
0.055
0.059
A3
0.60
0.65
0.70
0.024
0.026
0.028
b
0.39
0.47
0.015
0.019
b1
0.38
0.41
0.44
0.015
0.016
0.017
c
0.20
0.24
0.008
0.009
c1
0.19
0.20
0.21
0.0075
0.0079
0.0083
D
8.55
8.65
8.75
0.337
0.341
0.344
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27 BSC
0.050 BSC
h
0.25
0.50
0.010
0.020
L
0.50
0.80
0.020
0.031
L1
1.05 REF
0.041 REF
θ
8° (max)
Figure 28. SO-14 recommended footprint
TSV91x, TSV91xA
Package information
DS4899 - Rev 13
page 23/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com