Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914IDT Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSV914IDT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914IDT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSV914IDT Datasheet HTML 22Page - STMicroelectronics TSV914IDT Datasheet HTML 23Page - STMicroelectronics TSV914IDT Datasheet HTML 24Page - STMicroelectronics TSV914IDT Datasheet HTML 25Page - STMicroelectronics TSV914IDT Datasheet HTML 26Page - STMicroelectronics TSV914IDT Datasheet HTML 27Page - STMicroelectronics TSV914IDT Datasheet HTML 28Page - STMicroelectronics TSV914IDT Datasheet HTML 29Page - STMicroelectronics TSV914IDT Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
List of figures
Figure 1.
Pin connections for each package (top view) ............................................... 2
Figure 2.
Input offset voltage distribution at T = 25 °C ............................................... 11
Figure 3.
Input offset voltage distribution at T = 125 °C .............................................. 11
Figure 4.
Supply current vs. input common-mode voltage at VCC = 2.5 V .................................. 11
Figure 5.
Supply current vs. input common-mode voltage at VCC = 5 V ................................... 11
Figure 6.
Output current vs. output voltage at VCC = 2.5 V ............................................ 11
Figure 7.
Output current vs. output voltage at VCC = 5 V ............................................. 11
Figure 8.
Voltage gain and phase vs. frequency at VCC = 2.5 V and Vicm = 0.5 V ............................ 12
Figure 9.
Voltage gain and phase vs. frequency at VCC = 5.5 V and Vicm = 0.5 V ............................ 12
Figure 10.
Phase margin vs. capacitive load ...................................................... 12
Figure 11.
Phase margin vs. output current ....................................................... 12
Figure 12.
Positive slew rate ................................................................. 12
Figure 13.
Negative slew rate ................................................................ 12
Figure 14.
Distortion + noise vs. frequency ....................................................... 13
Figure 15.
Distortion + noise vs. output voltage .................................................... 13
Figure 16.
Noise vs. frequency................................................................ 13
Figure 17.
Phase margin vs. capacitive load and serial resistor ......................................... 13
Figure 18.
Supply current vs. supply voltage ...................................................... 13
Figure 19.
In-series resistor vs. capacitive load .................................................... 14
Figure 20.
SOT23-5 package outline ........................................................... 15
Figure 21.
DFN8 2 x 2 package outline .......................................................... 16
Figure 22.
DFN8 2 x 2 recommended footprint ..................................................... 17
Figure 23.
MiniSO8 package outline ............................................................ 18
Figure 24.
SO8 package outline ............................................................... 19
Figure 25.
TSSOP-14 package outline .......................................................... 20
Figure 26.
TSSOP-14 recommended footprint ..................................................... 21
Figure 27.
SO-14 package outline ............................................................. 22
Figure 28.
SO-14 recommended footprint ........................................................ 23
TSV91x, TSV91xA
List of figures
DS4899 - Rev 13
page 29/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com