Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV912AIYDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV912AIYDT
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV912AIYDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV912AIYDT Datasheet HTML 1Page - STMicroelectronics TSV912AIYDT Datasheet HTML 2Page - STMicroelectronics TSV912AIYDT Datasheet HTML 3Page - STMicroelectronics TSV912AIYDT Datasheet HTML 4Page - STMicroelectronics TSV912AIYDT Datasheet HTML 5Page - STMicroelectronics TSV912AIYDT Datasheet HTML 6Page - STMicroelectronics TSV912AIYDT Datasheet HTML 7Page - STMicroelectronics TSV912AIYDT Datasheet HTML 8Page - STMicroelectronics TSV912AIYDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Features
•
Rail-to-rail input and output
•
Wide bandwidth
•
Low power consumption: 820 µA typ.
•
Unity gain stability
•
High output current: 35 mA
•
Operating from 2.5 V to 5.5 V
•
Low input bias current, 1 pA typ.
•
Low input offset voltage: 1.5 mV max. (A grade)
•
ESD internal protection ≥ 5 kV
•
Latch-up immunity
Applications
•
Battery-powered applications
•
Portable devices
•
Signal conditioning
•
Active filtering
•
Medical instrumentation
•
Automotive applications
Description
The TSV91x and TSV91xA operational amplifiers (op amps) offer low voltage
operation and rail-to-rail input and output, as well as an excellent speed/power
consumption ratio, providing an 8 MHz gain-bandwidth product while consuming only
1.1 mA maximum at 5 V. The op amps are unity gain stable and feature an ultra-low
input bias current.
The devices are ideal for sensor interfaces, battery-supplied and portable
applications, as well as active filtering.
TSV911
SOT23-5
SO8
MiniSO8
SO8
DFN8 2x2
TSV912
TSSOP14
SO14
TSV914
Product status link
TSV911, TSV911A, TSV912, TSV912A,
TSV914, TSV914A
Related products
See TSV991, TSV992,
TSV994 and TSV991A,
TSV992A, TSV994A
for higher
speed
Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
TSV91x, TSV91xA
Datasheet
DS4899 - Rev 13 - May 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSV912AIYDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV912AIYDT STMICROELECTRONICS-TSV912AIYDT Datasheet
344Kb / 18P
Rail-to-rail input/output 8MHz operational amplifiers
28-Aug-2006
TSV912AIYDT STMICROELECTRONICS-TSV912AIYDT Datasheet
1Mb / 27P
Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
29-Aug-2016
More results

Similar Description - TSV912AIYDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
STMicroelectronics
TSV912HYDT STMICROELECTRONICS-TSV912HYDT Datasheet
798Kb / 16P
High temperature rail-to-rail input/output 8 MHz operational amplifiers
08-Jul-2010
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
logo
STMicroelectronics
TSV91X STMICROELECTRONICS-TSV91X Datasheet
1Mb / 27P
Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
29-Aug-2016
logo
Texas Instruments
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com